Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS7104 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TDS7104
Description  Digital Phosphor Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS7104 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TDS7104 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS7104 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS7104 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS7104 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS7104 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS7104 Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS7104 Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS7104 Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS7104 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Oscilloscopes •
www.tektronix.com/tds7000B
8
Digital Phosphor Oscilloscopes
TDS7000B Series
Computer System and
Peripherals
CPU –
TDS7104/TDS7054: Intel Celeron processor,
850 MHz.
TDS7154B/TDS7254B/TDS7404B/TDS7704B:
Intel Pentium 4 processor, 2.0 GHz.
PC System Memory – 512 MB.
Hard Disk Drive – 40 GB removable hard disk
drive: rear-panel or (B models only) front-panel,
(option FHD).
Floppy Disk Drive – 1.44 MB 3.5 in floppy disk
drive: front-panel, or (B models only) rear-panel
(option FHD).
CD-R/W Drive – Rear-panel CD-R/W drive with CD
creation software application.
Mouse – Thumb wheel model included, USB
interface.
Keyboard – Order 118-9402-00 for small
keyboard (fits in pouch); PS-2 interface. Order
119-6633-00 for full-size keyboard; USB
interface and hub.
Input/Output Ports
Probe Compensator Output – Front panel BNC
connector, requires Probe Cal-Deskew Fixture
(included) for probe attachment. Amplitude 200 mV
(TDS7104/TDS7054) or 500mV (B models) ±20%
into a 50
Ω load, frequency 1 kHz ±5%.
Analog Signal Output Amplitude – Front-panel
BNC connector, provides a buffered version of the
signal that is attached to the Ch 3 input when Ch 3
is selected as trigger source. 20 mV/div ±20% into
a 1.8 M
Ω load, 10 mV/div ±20% into a 50 Ω load.
Analog Signal Output Bandwidth, Typical –
TDS7054, TDS7104: 100 MHz into a 50
Ω load.
TDS7154B/TDS7254B/TDS7404B/TDS7704B:
1 GHz into a 50
Ω load.
External Time Base Reference In – Rear-panel
BNC connector, time base system can phase-lock
to external 10 MHz reference.
Time Base Reference Out – Rear-panel BNC con-
nector, accepts TTL-compatible output of internal
10 MHz reference oscillator.
Auxiliary Output Levels – Front-panel BNC
connector, provides a TTL-compatible, polarity
switchable pulse when the oscilloscope triggers.
Parallel Port – IEEE 1284, DB-25 connector.
Audio Ports – Miniature phone jacks for stereo
microphone input and stereo line output.
USB Port – Allows connection or disconnection of
USB keyboard and/or mouse while oscilloscope
power is on. B models have 2 USB ports.
Keyboard Port – PS-2 compatible.
Mouse Port – PS-2 compatible.
LAN Port – RJ-45 connector, supports 10Base-T
and 100Base-T.
Serial Port – DB-9 COM1 port.
Windows Video Port – 15 pin D-Sub connector
on the rear panel; connect a second monitor to
use dual-monitor display mode. Video is DDC2B
compliant.
GPIB Port – IEEE 488.2 standard.
Oscilloscope Video Port – 15 pin D-Sub connector
on the rear panel, video is IBM XGA compatible on
B models. Connect to show the oscilloscope
display, including live waveforms on an external
monitor or projector. The primary Windows desktop
can also be displayed on an external monitor using
this port.
Power Source
Power – 100 to 240 V
RMS ±10%, 50/60 Hz;
115 V
RMS ±10%, 400 Hz; CAT II, <300 W (450 VA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com