Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS7154B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TDS7154B
Description  Digital Phosphor Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS7154B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TDS7154B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS7154B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS7154B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS7154B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS7154B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS7154B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS7154B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS7154B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS7154B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Digital Phosphor Oscilloscopes
TDS7000B Series
Oscilloscopes •
www.tektronix.com/tds7000B
3
Ti me Base System
TDS7054/TDS7104
TDS7154B/TDS7254B/TDS7404B/TDS7704B
Time Base Range
200 ps/div to 40 s/div
50 ps to 10 s/div
Time Base Delay Time Range
16 ns to 250 s
5 ns to 250 s
Channel-to-channel Deskew Range
±25 ns
±75 ns
Delta Time Measurement Accuracy
±((0.06/sample rate) +
±((0.06/sample rate) +
(15 ppm x reading)) RMS
(2.5 ppm x reading)) RMS
Trigger Jitter (RMS)
8 ps
RMS (typical)
2 ps
RMS (typical) (7254B/7154B)
1.5 ps
RMS (typical) (7404B)
1.2 ps
RMS (typical) (7704B)
Long Term Sample Rate and Delay
±15 ppm over
≥1 ms interval
2.5 ppm over any
≥100 ms interval
Time Accuracy
Acquisition System
TDS7054
TDS7104
TDS7154B/ TDS7254B/ TDS7404B/ TDS7704B
Real-time Sample Rates
1 channel (max)
5 GS/s
10 GS/s
20 GS/s
2 channels (max)
5 GS/s
5 GS/s
10 GS/s
3-4 channels (max)
2.5 GS/s
2.5 GS/s
5 GS/s
Equivalent Time Sample Rate (max)
250 GS/s
250 GS/s
1 TS/s
Maximum Record Length per Channel
2 Mb (1-CH.), 1 Mb (2-CH.),
4 Mb (1-CH.), 2 Mb (2-CH.), 1 Mb (4-CH.)
with Standard Memory
500 Kb (4-CH.)
With Memory Opt. 2M
8 Mb (1-CH.), 4 Mb (2-CH.), 2 Mb (4-CH.)
With Memory Opt. 3M
16 Mb (1-CH.), 8 Mb (2-CH.), 4 Mb (4-CH.)
With Memory Opt. 4M
32 Mb (1-CH.), 16 Mb (2-CH.), 8 Mb (4-CH.)
With Memory Opt. 5M
64 Mb (1-CH.), 32 Mb (2-CH.), 16 Mb (4-CH.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com