Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS7404B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TDS7404B
Description  Digital Phosphor Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS7404B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TDS7404B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Oscilloscopes •
www.tektronix.com/tds7000B
2
Digital Phosphor Oscilloscopes
TDS7000B Series
Characteristics
Vertical System
TDS7054
TDS7104
TDS7154B
TDS7254B
TDS7404B
TDS7704B
Input Channels
4
4
4
4
4
4
Hardware Analog Bandwidth (–3 dB)
500 MHz
1 GHz
1.5 GHz*1
2.5 GHz*1
4 GHz*1
7.25 GHz*1
(typical), 7 GHz*1
guaranteed
Rise Time 10% to 90% (typical)
800 ps
400 ps
200 ps
130 ps
100 ps
62 ps
Rise Time 20% to 80% (typical)
135 ps
83 ps
72 ps
43 ps
DC Gain Accuracy
1%
±(2% +
±(2.5% +
(2% x offset))
(2% x offset))
Hardware Bandwidth Limits
250 MHz or 20 MHz
Requires TCA-1 MEG
Input Coupling
AC, DC, GND
DC, GND
Input Impedance
1 M
Ω ±0.5% or 50 Ω ±1%
50
Ω ±2.5%
Input Sensitivity, 1 M
Ω
1 mV/div to 10 V/div
—
Input Sensitivity, 50
Ω
1 mV/div to 1 V/div
2 mV/div to 1 V/div
Vertical Resolution
8-Bit (>11-Bit with averaging)
8-Bit (>11-Bit with averaging)
Max Input Voltage, 1 M
Ω
±150 V CAT I Derate at
—
20 dB/decade to
9V
RMS above 200 kHz
Max Input Voltage, 50
Ω
5V
RMS with peaks less than
<1 V
RMS for <100 mV/div,
±30 Volts
<5 V
RMS for
≥100 mV/div settings
Also determined by TekConnect® accessory
Offset Range
1 mV/div to 100 mV/div: ±1 V
2 mV to 50 mV/div: ±0.5 V
101 mV/div to 1 V/div: ±10 V
50.5 mV to 99.5 mV: ±0.25 V
1.01 V/div to 10 V/div: ±100 V
100 mV to 500 mV: ±5 V
505 mV to 1 V/div: ±2.5 V
Channel-to-Channel Isolation
≥100:1 at 100 MHz and
≥80:1 at 1.5 GHz and
Any Two Channels at Equal
≥30:1 at the rated bandwidth
≥15:1 at rated bandwidth
Vertical Scale Settings
*1 At
≥10 mV/div.
Note: Typical system bandwidth of TDS7404B with P7240: 4 GHz.
Note: Typical system bandwidth of TDS7404B with P7330: 3.5 GHz.
Note: Typical system bandwidth of TDS7704B with P7260: 6 GHz
Note: Typical system bandwidth of TDS7704B with P7350: 5 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com