Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431CDT Datasheet(PDF) 13 Page - Samsung semiconductor

Part # TL431CDT
Description  128Mb F-die SDRAM Specification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

TL431CDT Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button TL431CDT Datasheet HTML 6Page - Samsung semiconductor TL431CDT Datasheet HTML 7Page - Samsung semiconductor TL431CDT Datasheet HTML 8Page - Samsung semiconductor TL431CDT Datasheet HTML 9Page - Samsung semiconductor TL431CDT Datasheet HTML 10Page - Samsung semiconductor TL431CDT Datasheet HTML 11Page - Samsung semiconductor TL431CDT Datasheet HTML 12Page - Samsung semiconductor TL431CDT Datasheet HTML 13Page - Samsung semiconductor TL431CDT Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SDRAM 128Mb F-die (x4, x8, x16)
CMOS SDRAM
Rev. 0.2 November. 2003
Preliminary
VDD Clamp @ CLK, CKE, CS, DQM & DQ
VDD (V)
I (mA)
0.0
0.0
0.2
0.0
0.4
0.0
0.6
0.0
0.7
0.0
0.8
0.0
0.9
0.0
1.0
0.23
1.2
1.34
1.4
3.02
1.6
5.06
1.8
7.35
2.0
9.83
2.2
12.48
2.4
15.30
2.6
18.31
VSS Clamp @ CLK, CKE, CS, DQM & DQ
VSS (V)
I (mA)
-2.6
-57.23
-2.4
-45.77
-2.2
-38.26
-2.0
-31.22
-1.8
-24.58
-1.6
-18.37
-1.4
-12.56
-1.2
-7.57
-1.0
-3.37
-0.9
-1.75
-0.8
-0.58
-0.7
-0.05
-0.6
0.0
-0.4
0.0
-0.2
0.0
0.0
0.0
20
15
10
5
0
03
12
Voltage
I (mA)
I (mA)
Minimum VDD clamp current
(Referenced to VDD)
Minimum VSS clamp current
0
-10
-20
-30
-40
-3
0
-2
-1
-50
-60
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com