Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 1 Page - TT Electronics.

Part # 1908
Description  Tubular Vitreous Enamelled Wirewound Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

1908 Datasheet(HTML) 1 Page - TT Electronics.

  1908 Datasheet HTML 1Page - TT Electronics. 1908 Datasheet HTML 2Page - TT Electronics. 1908 Datasheet HTML 3Page - TT Electronics. 1908 Datasheet HTML 4Page - TT Electronics. 1908 Datasheet HTML 5Page - TT Electronics. 1908 Datasheet HTML 6Page - TT Electronics. 1908 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Impervious lead free vitreous enamel coating
Can be supplied with fixed, adjustable, tapped or
low inductance winding
Seven termination styles with choice of mounting arrangements
Manufactured RoHS compliant Pb-free terminations
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
• Impervious lead free vitreous enamel coating
• Can be supplied with fixed, adjustable,
tapped or low inductance winding
• Seven termination styles with choice of
mounting arrangements
• Manufactured RoHS compliant
Pb-free terminations*
* Check status of stock when ordering
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data, relates to current manufacture and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
121
1601
1905
1600
1602
1906
1603
1604
53
52
22
71
5
.
61
61
11
s
t
t
a
w
C
°
0
7
ta
g
n
itar
re
w
o
P
1
e
l
b
a
T
eeS
s
mh
o
eg
na
r
e
c
na
t
s
i
s
eR
1
e
l
b
a
T
eeS
s
tl
ov
ega
tl
o
v
t
ne
m
e
l
e
g
n
it
i
m
i
L
0
0
2
+
mum
i
x
aM
5
7
+
<
:
y
ll
a
c
i
p
y
T
C
°
/
mp
p
)
C
°
002
+
o
t
55
-
(
R
C
T
s
n
o
it
c
ir
t
s
e
r
e
u
l
a
v
r
o
f
1
e
l
b
a
t
e
e
S
0
1
,
5
,
2
,
1
%
e
c
na
r
e
l
o
t
e
c
na
t
s
i
s
eR
Values
E24 preferred
1
.
g
if
eeS
t
t
aw
/
C
°
e
c
nadep
m
i
l
a
m
r
ehT
573
+
o
t
55
-
C°
e
g
n
ar
e
r
u
tare
p
m
et
g
n
itare
p
O
1605
1908
1607
1606
1608
1609
561
511
19
67
45
74
s
t
t
a
w
C
°
0
7
ta
g
n
itar
re
w
o
P
1
e
l
b
a
T
eeS
s
mh
o
eg
na
r
e
c
na
t
s
i
s
eR
1
e
l
b
a
T
eeS
s
tl
ov
ega
tl
o
v
t
ne
m
e
l
e
g
n
it
i
m
i
L
0
5
1
+
mum
i
x
aM
5
7
+
<
:y
lla
c
i
p
y
T
C
°
/
mp
p
)
C
°
002
+
o
t
55
-
(
R
C
T
s
n
o
it
c
ir
t
se
r
e
u
l
a
v
rof
1
e
l
b
a
t
e
e
S
0
1
,
5
,
2
,
1
%
e
c
na
r
e
l
o
t
e
c
na
t
s
i
s
eR
Values
E24 preferred
1
.
g
if
eeS
t
t
aw
/
C
°
e
c
nadep
m
i
l
a
m
r
ehT
573
+
o
t
55
-
C°
e
g
n
ar
e
r
u
tare
p
m
et
g
n
itare
p
O
Electrical Data
09.09
A subsidiary of
TT electronics plc
Welwyn Components
Note See Figure 1 for curves of temperature rise / watts dissipation.
General Information
Vitreous enamelled wirewound resistors are capable of
withstanding a higher dissipation size for size, than any other
protected type; this is attributable to the higher operating
temperature which the wire and enamel can withstand.
Vitreous enamel provides exceptionally good protection to the
wire element and is essentially impervious to moisture. The
resistors can safely be used in harsh environmental conditions.
The Welwyn range is based on thirteen sizes of tube, each of
which has a recommended maximum dissipation which limits
operating surface temperature to a maximum of 375°C.
The stability and high reliability of Welwyn tubular vitreous
resistors is a direct result of the best quality materials being
used in their construction.
High purity ceramic tubes have been matched with nickel
chromium resistance wires and specially formulated enamel to
ensure that the resistors can withstand repeated heat cycling
without damage.
Connections between the resistance element and end
terminations are welded; other connections are brazed.
Mounting devices are available which permit resistors to be
mounted by both ends or by one end. Single ended mounting
is recommended for applications which do not subject the
resistor to shock or vibration.
Ferrules and the F type mounting plug are anchored into the
tubes with high temperature adhesive.
Special requirements, for types or styles not described
in this brochure, will be considered for economic
quantities.
Resistors
All parts are Pb-free and comply with EU Directive 2011/65/EU (RoHS2)
11.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - 1908

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1908 WELWYN-1908 Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
1908 TTELEC-1908 Datasheet
907Kb / 7P
Manufactured ROHS compliant pb-free terminations
logo
3M Electronics
1908 3M-1908 Datasheet
505Kb / 4P
3M??Novec??1908 Electronic Grade Coating
logo
TT Electronics.
1908 TTELEC-1908 Datasheet
1,009Kb / 7P
Wirewound Resistors Wirewound Resistors
01.21
logo
Thurlby Thandar Instrum...
1908 AIM-TTI-1908 Datasheet
4Mb / 14P
±200V & ±20V models Source Measure Units
More results

Similar Description - 1908

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
1600 WELWYN-1600 Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
V757 WELWYN-V757 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
V700 WELWYN-V700 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
Vitreous Enamelled Wirewound Resistors
2011/65/EU
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com