Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC3 Datasheet(PDF) 1 Page - TT Electronics.

Part # BPC3
Description  3W to 10W Planar High Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BPC3 Datasheet(HTML) 1 Page - TT Electronics.

  BPC3 Datasheet HTML 1Page - TT Electronics. BPC3 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3W to 10W Planar High
Power Resistors
BPC Series
Non-Inductiveplanarpackage
Highpowerdensity.
ThinpackageforhighdensityPCBinstallation.
Powerdissipatedabovetheboard.
Applications
Powersupplypre-loadresistors.
UPSsystems
Snubberandpulsehandlingcircuits.
Pulsegeneratorloadresistors.
In-rushcurrentprotection
BleederResistors
Model
BPC3
BPC5
BPC7
BPC10
Leads:
TinPlatedCopperAlloy
Substrate:96%Alumina
Resistor:ThickFilm
DimA
0.40
10.16
0.50
12.70
0.75
19.05
1.00
25.40
DimB
0.20
5.08
0.20
5.08
0.50
12.70
0.80
20.32
Specification(Dimensions)
Materials
Items
Specification
Conditions
PowerRating
3W,5W,7.5W&10W
@ambienttemp<70°C
OperatingVoltageMax
300Vac,500VDC
ResistanceRange
0.1Ωto200KΩ
Extendedresistancerangeavailable.
TCR
100ppm/°C
For-55to+155°Candabove1Ω.
Tolerance
10,optional+/-5%,1%,2%
OperatingTemp.Range
-55-+155°C
DielectricWithstandVoltage
5000Voltsminimum
MechanicalShock
ΔR+/-0.25%
100G.
Vibration
ΔR+/-0.25%
20G,10to2KHz
LoadLife
ΔR+/-2.0%
70°C,90min.ON,30min.OFF,1000hours.
Humidity
ΔR+/-0.5%
85°C,85%RH,DC0.1W,1000hours.
TemperatureCycle
ΔR+/-0.5%
-55°C,30min.,+155°C30min.,5cycles.
SolderHeat(Max)
ΔR+/-0.25%
260+/-5°C,10seconds,
Solderability
Min95%coverage
230+/-5°C,5seconds.
InsulationResistance
Over1000MΩ
Notes:
1.Contactfactoryforcustomproducts,non-standardvaluesandtolerances.
Dim. A
±.015
±.381
.100
2.54
Maximum
Overall
Thickness
.010±.002
.254±.050
.026
.660
.050
1.27
.026
.670
.020±.002
.508±.050
±.010
±.254
Dim.B
.075
1.905
.125+.0.25/-.000
3.175+.635/-.000
1.000±.015
25.4±.381
1.090
27.686
Max.
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
BI Technologies IRC Welwyn
05.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors


Similar Part No. - BPC3

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BPC3 TTELEC-BPC3 Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
logo
Bookham, Inc.
BPC30C BOOKHAM-BPC30C Datasheet
398Kb / 4P
30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
BPC30C-915-01 BOOKHAM-BPC30C-915-01 Datasheet
398Kb / 4P
30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
BPC30C-940-01 BOOKHAM-BPC30C-940-01 Datasheet
398Kb / 4P
30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
BPC30C-980-01 BOOKHAM-BPC30C-980-01 Datasheet
398Kb / 4P
30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
More results

Similar Description - BPC3

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPC BITECH-BPC Datasheet
1Mb / 2P
3W to 10W PLANAR HIGH POWER RESISTORS
BPR BITECH-BPR Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
logo
Welwyn Components Limit...
4500 WELWYN-4500 Datasheet
130Kb / 2P
HIGH VOLTAGE PLANAR RESISTORS
LRF3W WELWYN-LRF3W Datasheet
306Kb / 3P
Low Value 3W Chip Resistors
logo
RCD COMPONENTS INC.
ML2010V-R100-FB RCD-ML2010V-R100-FB Datasheet
38Kb / 1P
LOW-OHM CHIP RESISTORS, 0.1W TO 3W
TP05-1R00-DBW RCD-TP05-1R00-DBW Datasheet
61Kb / 1P
HIGH POWER PLANAR RESISTORS, 5W to 100W
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
Low Value 3W Chip Resistors
logo
TT Electronics.
4500 TTELEC-4500_17 Datasheet
449Kb / 3P
High Voltage Planar Resistors
BPR TTELEC-BPR_17 Datasheet
596Kb / 2P
3W to 50W Planar Shock
LRF3W TTELEC-LRF3W_17 Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com