Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR3 Datasheet(PDF) 2 Page - TT Electronics.

Part # BPR3
Description  3W to 50W Planar Shock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BPR3 Datasheet(HTML) 2 Page - TT Electronics.

  BPR3 Datasheet HTML 1Page - TT Electronics. BPR3 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3W to 50W Planar Shock / Vibration
Proof High Power Resistors
BPR Series
DeratingCurve
OrderingInformation
3W to 50W Planar Shock / Vibration
Proof High Power Resistors
BPR Series
DeratingCurve
BI Technologies IRC Welwyn
03.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
Derating Curve
Ordering Procedure
Example: BPR10500F (BPR10, 50 ohms ±1%, Pb-free)
B P R 1
0
5
0
0
F
1
2
3
1
2
3
Type
Value
Tolerance
BPR3
2 digits + multiplier
xRx for values <10 ohms
0Rxxx for values <1 ohm
F = ±1%
BPR5
G = ±2%
BPR7
J = ±5%
BPR10
BPR30
BPR50
Derating Curve
Ordering Procedure
Example: BPR10500F (BPR10, 50 ohms ±1%, Pb-free)
B P R 1
0
5
0
0
F
1
2
3
1
2
3
Type
Value
Tolerance
BPR3
2 digits + multiplier
xRx for values <10 ohms
0Rxxx for values <1 ohm
F = ±1%
BPR5
G = ±2%
BPR7
J = ±5%
BPR10
BPR30
BPR50
Derating Curve
11.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com