Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCN21 Datasheet(PDF) 2 Page - TT Electronics.

Part # BCN21
Description  Thick Film Chip Arrays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BCN21 Datasheet(HTML) 2 Page - TT Electronics.

  BCN21 Datasheet HTML 1Page - TT Electronics. BCN21 Datasheet HTML 2Page - TT Electronics. BCN21 Datasheet HTML 3Page - TT Electronics. BCN21 Datasheet HTML 4Page - TT Electronics. BCN21 Datasheet HTML 5Page - TT Electronics. BCN21 Datasheet HTML 6Page - TT Electronics. BCN21 Datasheet HTML 7Page - TT Electronics. BCN21 Datasheet HTML 8Page - TT Electronics. BCN21 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BI Technologies IRC Welwyn
Thick Film Chip Arrays
BCN Series
Electrical
Environmental
Construction
Standard Resistance Range,
Ohms
BCN4D, BCN10, BCN16 4:
BCN 16 8R / 8S:
BCN 31 8R / 8S:
BCN 21:
10 to 1 Megohm
100 to 1 Megohm
22 to 1 Megohm
68 to 220K
Standard Resistance Tolerance
±5% (J Tol.)
Optional:±1%(FTol.),BCN4D,BCN164,BCN318RB/8SBOnly
±2% (G Tol.), BCN 16 4, BCN31 8RB / 8SB Only
OperatingVoltage,Maximum
BCN 4D:
BCN 16 4, BCN 31 8R / 8S:
BCN 10, BCN 16 8R / 8S, BCN 21:
75Vdcor√pr
50Vdcor√pr
25Vdcor√pr
PowerRating,wattsat70°C
BCN 4D:
BCN 10, BCN 164:
BCN 16 8R / 8S:
BCN 21, BCN 31 8R / 8S:
125mW per Resistor / 500mW per Package
63mW per Resistor / 250mW per Package
32mW per Resistor / 250mW per Package
63mW per Resistor / 500mW per Package
Test
Condition
Parts with no TCR code
Parts with Z TCR code
OperatingTemperatureRange
-55°Cto+155°C
TemperatureCoefficientofResistance
±200ppm/°C
±100ppm/°C
Moisture Resistance
1,000hours@+40°C,95%R.H.
3%+0.1ΩΔR
1%+0.1ΩΔR
HighTemperatureOperation
1,000hours@155°C
3%+0.1ΩΔR
1%+0.1ΩΔR
Short Time Overload
2.5 x rated voltage, 5 seconds
2%+0.1ΩΔR
0.25%+0.1ΩΔR
Temperature Cycling
-55°Cto+155°C,5cycles
1%+0.1ΩΔR
1%+0.1ΩΔR
Resistance to Solder Heat
260°Cfor10seconds
1%+0.1ΩΔR
0.25%+0.1ΩΔR
Load Life
1,000hours@70°C
3%+0.1ΩΔR
1%+0.1ΩΔR
Conductor
Nickel Barrier
Resistor: Ruthenium Oxide
Alumina Substrate
100% Tin
02.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
Passivation:
Glass or Resin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com