Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4290 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4290
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4290 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4290 Datasheet HTML 1Page - Infineon Technologies AG TLE4290 Datasheet HTML 2Page - Infineon Technologies AG TLE4290 Datasheet HTML 3Page - Infineon Technologies AG TLE4290 Datasheet HTML 4Page - Infineon Technologies AG TLE4290 Datasheet HTML 5Page - Infineon Technologies AG TLE4290 Datasheet HTML 6Page - Infineon Technologies AG TLE4290 Datasheet HTML 7Page - Infineon Technologies AG TLE4290 Datasheet HTML 8Page - Infineon Technologies AG TLE4290 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLE 4290
Data Sheet Rev. 1.4
2
2001-10-18
Power Good
The Power Good PG pin informs e.g. the microcontroller in case the output voltage has
fallen below the lower threshold
V
Q,pgt-d of typ. 3.65 V. Connecting the regulator to a
battery voltage at first the power good signal remains LOW. When the output voltage has
reached the higher threshold
V
Q,pgt-i the power good output remains still LOW for the
power good delay time
t
rd. Afterwards the power good output turns HIGH. The delay time
can be set by the user with an external capacitor at pin D according to the requirements
of the application.
The Power Good circuitry supervises the output voltage. In case
V
Q falls below the lower
Power Good switching threshold
V
Q,pgt-d the PG output is set LOW after the Power Good
reaction time. The Power Good LOW signal is generated down to an output voltage
V
Q
to 1 V. A LOW signal at the Power Good pin informs that the battery was lost and
memory is no longer valid.
The feature should be used in combination with a microcontroller with internal reset.
Figure 1
Block Diagram
AEB02823
Current
and
Saturation
Control
Band-
Gap-
Reference
TLE 4290
Power
Good
Control
PG
Q
I
D
GND
15
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com