Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL09LG3WD Datasheet(PDF) 12 Page - TT Electronics.

Part # OVTL09LG3WD
Description  Lednium Series Optimal X
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LG3WD Datasheet(HTML) 12 Page - TT Electronics.

Back Button OVTL09LG3WD Datasheet HTML 6Page - TT Electronics. OVTL09LG3WD Datasheet HTML 7Page - TT Electronics. OVTL09LG3WD Datasheet HTML 8Page - TT Electronics. OVTL09LG3WD Datasheet HTML 9Page - TT Electronics. OVTL09LG3WD Datasheet HTML 10Page - TT Electronics. OVTL09LG3WD Datasheet HTML 11Page - TT Electronics. OVTL09LG3WD Datasheet HTML 12Page - TT Electronics. OVTL09LG3WD Datasheet HTML 13Page - TT Electronics. OVTL09LG3WD Datasheet HTML 14Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Issue B.2 07/08
Page 12 of 14
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Lednium Series Optimal X
OVTL09LG3x Series
Typical elements in the conducting path and corresponding nominal thermal conductivities are:
Elements
w/mK
Epilayers
GaN/InGaN
150
Substrate
Sapphire
50
Die attach material
Conductive epoxy
10
Package
Silver plated copper
350
Solder
Solder (Sn/Ag/Cu)
35
Copper cladding
Copper
300
Note : Thermal conductivity is a physical constant. For the materials above, the respective contribution each makes
to the overall thermal resistance (R
θ j-b) is a function of the thickness of each material layer, and the surface area.
Thermal Conductivity (TC) is defined to be the heat conducted in time (t), through thickness (T) in a direction normal
to a surface area (A), due to a temperature difference (
δT).
Therefore
TC= q/t x {T/[A x
δT]}
and
δT = [Q x T]/[A x TC]
where
δT = Temp. difference (K)
Q = Power (w)
A = Surface area (m2)
T = layer thickness (m)
TC = Thermal Conductivity (w/mK)
Theoretical Calculation (for 1 watt dissipated in a cup product via a single 40mil die)
GaN
Thickness approx 10 x 10-6
= 1 x 10x10-6/ 10-6 x 150
Area 10-6
= 0.07 K
Substrate
T = 60 x 10-6
= 1 x 60x10-6/ 10-6 x 50
= 1.2 K
Die attach
T = 20 x 10-6
= 1 x 20x10-6 / 2x10-6 x 10
A = 2 x 10-6
= 1
Package
T = 0.4x10-3
= 1 x 0.4x10-3/ 6x10-6 x 350
A = 6x10-6
= 0.19
Solder
T = 60x10-6
= 1 x 60x10-6/6x10-6 x 25
A = 6x10-6
= 0.4
Total Calculated
δT = 2.86K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com