Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL01LGARS Datasheet(PDF) 4 Page - TT Electronics.

Part # OVTL01LGARS
Description  Lednium Series Optimal I
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL01LGARS Datasheet(HTML) 4 Page - TT Electronics.

  OVTL01LGARS Datasheet HTML 1Page - TT Electronics. OVTL01LGARS Datasheet HTML 2Page - TT Electronics. OVTL01LGARS Datasheet HTML 3Page - TT Electronics. OVTL01LGARS Datasheet HTML 4Page - TT Electronics. OVTL01LGARS Datasheet HTML 5Page - TT Electronics. OVTL01LGARS Datasheet HTML 6Page - TT Electronics. OVTL01LGARS Datasheet HTML 7Page - TT Electronics. OVTL01LGARS Datasheet HTML 8Page - TT Electronics. OVTL01LGARS Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Issue B.8 3/09
Page 4 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
50
60
V3
V4
G1
G2
2.9
3.7
70
3.4
G2V3
G1V3
G1V4
G2V4
G0V3
G0V4
Lednium Series Optimal I
OVTL01LGA Series
Standard Bins
Lamps are sorted to luminous flux (Φ) and forward voltage (VF) bins shown. Orders may be filled with any or all bins
contained as below.
Important Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate forward voltage and luminous flux ranks, please contact OPTEK.
Dominant Wavelength 455-465nm
OVTL01LGAA and OVTL01LGAAS (AMBER)
(IF = 350 mA)
Dominant Wavelength 590-600nm
Forward Voltage (VF)
30
35
V1
V2
A2V1
A1V1
A1V2
A2V2
A3V1
A3V2
A1
A2
2.3
2.6
40
1.9
OVTL01LGAB and OVTL01LGABS (BLUE)
(IF = 350 mA)
Forward Voltage (VF)
2.9
10
15
V3
V4
B1
B2
3.4
3.7
20
B2V3
B1V3
B1V4
B2V4
OVTL01LGAG and OVTL01LGAGS (GREEN)
(IF = 350 mA)
Dominant Wavelength 510-520nm
Forward Voltage (VF)
45
A3
OVTL01LGAC and OVTL01LGACS (CYAN)
(IF = 350 mA)
Dominant Wavelength 500-510nm
Forward Voltage (VF)
30
40
V3
V4
T1
T2
2.9
3.7
50
3.4
T2V3
T1V3
T1V4
T2V4
G0
40



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com