Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLOU262 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLOU262
Description  TOSHIBA InGaALP LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOU262 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLOU262 Datasheet HTML 1Page - Toshiba Semiconductor TLOU262 Datasheet HTML 2Page - Toshiba Semiconductor TLOU262 Datasheet HTML 3Page - Toshiba Semiconductor TLOU262 Datasheet HTML 4Page - Toshiba Semiconductor TLOU262 Datasheet HTML 5Page - Toshiba Semiconductor TLOU262 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLOU262,TLSU262,TLYU262
2002-09-25
1
TOSHIBA InGaAℓP LED
TLOU262,TLSU262,TLYU262
Panel Circuit Indicator
· InGaAℓP LED
· All plastic mold type
· Colorless clear lens
· Lineup: 3 colors (red, orange, yellow)
· Suitable for high−brightness and less electricity consumption.
· All plastic molded lens, provides an excellent on−off contrast ratio.
· Applications: Backlight, light for decoration, switches,
various indicator, personal equipment
Lineup
Product
Color
Material
TLOU262
Orange
InGaAℓP
TLSU262
Red
InGaAℓP
TLYU262
Yellow
InGaAℓP
Maximum Ratings (Ta = 25°C)
Product
Forward
Current
IF (mA)
Reverse
Voltage
VR (V)
Power
Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLOU262
30
4
72
-30~85
-40~120
TLSU262
30
4
72
-30~85
-40~120
TLYU262
30
4
75
-30~85
-40~120
Unit in mm
JEDEC
―
EIAJ
―
TOSHIBA
4−3H1
Weight: 0.14 g
TENTATIVE


Similar Part No. - TLOU262

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOU262 TOSHIBA-TLOU262 Datasheet
194Kb / 6P
Panel Circuit Indicator
logo
Marktech Corporate
TLOU262 MARKTECH-TLOU262 Datasheet
203Kb / 5P
PANEL CIRCUIT INDICATOR
logo
Toshiba Semiconductor
TLOU262F TOSHIBA-TLOU262F Datasheet
194Kb / 6P
Panel Circuit Indicator
TLOU262 TOSHIBA-TLOU262_07 Datasheet
194Kb / 6P
Panel Circuit Indicator
More results

Similar Description - TLOU262

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
TOSHIBA InGaALP LED
TLSU180P TOSHIBA-TLSU180P Datasheet
142Kb / 6P
TOSHIBA InGaALP LED
TLGU53C TOSHIBA-TLGU53C Datasheet
184Kb / 9P
TOSHIBA InGaAlP LED
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
TOSHIBA LED Lamp InGaALP Red Light Emission
TLSU124 TOSHIBA-TLSU124 Datasheet
255Kb / 6P
TOSHIBA INGAALP LED
TLGE53T TOSHIBA-TLGE53T Datasheet
221Kb / 12P
TOSHIBA InGaALP LED
TLYH160 TOSHIBA-TLYH160 Datasheet
130Kb / 4P
TOSHIBA LED Lamp InGaALP Yellow Light Emission
TLGE23TP TOSHIBA-TLGE23TP Datasheet
178Kb / 7P
TOSHIBA InGaALP LED
TLSU160 TOSHIBA-TLSU160 Datasheet
144Kb / 6P
TOSHIBA InGaALP LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com