Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSU262 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSU262
Description  TOSHIBA InGaALP LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSU262 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSU262 Datasheet HTML 1Page - Toshiba Semiconductor TLSU262 Datasheet HTML 2Page - Toshiba Semiconductor TLSU262 Datasheet HTML 3Page - Toshiba Semiconductor TLSU262 Datasheet HTML 4Page - Toshiba Semiconductor TLSU262 Datasheet HTML 5Page - Toshiba Semiconductor TLSU262 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLOU262,TLSU262,TLYU262
2002-09-25
2
Electrical And Optical Characteristics (Ta = 25°C)
Typ.Emission
Wavelength
Luminous
Intensity
IV
Forward
Voltage
VF
Reverse
Current
IR
Product
lP
Dl
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLOU262
612
15
20
47.6
300
20
2.0
2.4
20
50
4
TLSU262
636
17
20
47.6
170
20
2.0
2.4
20
50
4
TLYU262
590
13
20
47.6
150
20
2.1
2.5
20
50
4
Unit
nm
mA
mcd
mA
V
mA
mA
V
Precaution
Please be careful of the followings
· Soldering temperature: 260°C max
Soldering time: 3 s max
(soldering portion of lead: Up to 2 mm from the body of the device)
· If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
· This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp,please ensure
that it will not be affected by this IR light.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com