Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP591B Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP591B
Description  TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP591B Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP591B Datasheet HTML 1Page - Toshiba Semiconductor TLP591B Datasheet HTML 2Page - Toshiba Semiconductor TLP591B Datasheet HTML 3Page - Toshiba Semiconductor TLP591B Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLP591B
2002-09-25
3
IF – Ta
Ambient temperature Ta (℃)
100
100
80
80
60
20
40
0
-20
0
60
40
20
IFP – DR
Duty cycle ratio DR
5000
3000
3
3
10
-3
3
10
1000
500
30
100
50
300
10
-1
10
-2
3
Pulse width ≤ 100µs
Ta = 25℃
10
0
-3.2
0.1
-2.0
-2.4
-2.8
-4.0
0.5
0.3
-1.6
-1.2
-0.8
1
3
10
30
5
∆
VF/∆Ta – IF
Forward current IF (mA)
-3.6
IF – VF
Forward voltage VF (V)
100
50
1.0
5
30
3
1
10
1.2
1.4
1.6
1.8
2.0
2.2
Ta = 25℃
ISC – IF
Forward current IF (mA)
300
1
100
50
3
10
5
30
1
3
10
30
100
550
Ta = 25°C
55°C
85°C
10
7
8
9
3
6
5
4
2
1
0
1
3
10
30
100
5
50
Forward current IF (mV)
VOC – IF
Ta = 25°C
55°C
85°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com