Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46140 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46140
Description  GreenPAK Programmable Mixed-signal Matrix
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 17Page - Dialog Semiconductor SLG46140 Datasheet HTML 18Page - Dialog Semiconductor SLG46140 Datasheet HTML 19Page - Dialog Semiconductor SLG46140 Datasheet HTML 20Page - Dialog Semiconductor SLG46140 Datasheet HTML 21Page - Dialog Semiconductor SLG46140 Datasheet HTML 22Page - Dialog Semiconductor SLG46140 Datasheet HTML 23Page - Dialog Semiconductor SLG46140 Datasheet HTML 24Page - Dialog Semiconductor SLG46140 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 170 page
background image
000-0046140-109
Page 20 of 169
SLG46140
5.7 OSC Specifications
5.7.1 25 kHz RC Oscillator
Table 3. 25 kHz RC OSC frequency limits
Power Supply Range
(VDD) V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Minimum
Value, kHz
Maximum
Value, kHz
Minimum
Value, kHz
Maximum
Value, kHz
Minimum
Value, kHz
Maximum
Value, kHz
1.8 V ±5%
24.599
25.444
23.979
25.859
23.571
26.960
3.3 V ±10%
24.894
25.101
23.973
25.664
23.813
26.605
5 V ±10%
24.739
25.428
23.976
25.714
23.689
26.550
2.5 V - 4.5 V
24.842
25.147
23.937
25.691
23.803
26.642
1.71 V….5.5 V
24.380
25.701
23.891
25.989
23.429
27.036
Table 4. 25 kHz RC OSC frequency error (error calculated relative to nominal value)
Power Supply Range
(VDD) V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
1.8 V ±5%
-1.60%
1.78%
-4.08%
3.43%
-5.72%
7.84%
3.3 V ±10%
-0.43%
0.41%
-4.11%
2.66%
-4.75
6.42%
5 V ±10%
-1.04%
1.71%
-4.10%
2.85%
-5.25%
6.20%
2.5 V - 4.5 V
-0.63%
0.59%
-4.25%
2.76%
-4.79%
6.57%
1.71 V….5.5 V
-2.48%
2.80%
-4.44%
3.95%
-6.29%
8.14%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com