Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46169 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46169
Description  GreenPAK Programmable Mixed-signal Matrix
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46169 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46169 Datasheet HTML 17Page - Dialog Semiconductor SLG46169 Datasheet HTML 18Page - Dialog Semiconductor SLG46169 Datasheet HTML 19Page - Dialog Semiconductor SLG46169 Datasheet HTML 20Page - Dialog Semiconductor SLG46169 Datasheet HTML 21Page - Dialog Semiconductor SLG46169 Datasheet HTML 22Page - Dialog Semiconductor SLG46169 Datasheet HTML 23Page - Dialog Semiconductor SLG46169 Datasheet HTML 24Page - Dialog Semiconductor SLG46169 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
000-0046169-105
Page 20 of 101
SLG46169
7.0 I/O Pins
The SLG46169 has a total of 12 multi-function I/O pins which can function as either a user defined Input or Output, as well as
serving as a special function (such as outputting the voltage reference), or serving as a signal for programming of the on-chip
Non Volatile Memory (NVM).
Normal Mode pin definitions are as follows:
• Pin 1: VDD power supply
• Pin 2: general purpose input
• Pin 3: general purpose input or output
• Pin 4: general purpose input or output with OE
• Pin 5: general purpose input or output or analog comparator 0(+)
• Pin 6: general purpose input or output with OE or analog comparator 0(-)
• Pin 7: general purpose input or output with OE
• Pin 8: general purpose input or output or analog comparator 1(+)
• Pin 9: ground
• Pin 10: general purpose input or output with OE
• Pin 11: general purpose input or output
• Pin 12: general purpose input or output with OE
• Pin 13: general purpose input or output with OE and Vref output (VREF)
• Pin 14: general purpose input or output or external clock input
Programming Mode pin definitions are as follows:
•Pin1: VDD power supply
• Pin 2: VPP programming voltage
• Pin 9: ground
• Pin 10: programming mode control
• Pin 11: programming ID pin
• Pin 12: programming SDIO pin
• Pin 13: programming SRDWB pin
• Pin 14: programming SCL pin
Of the 12 user defined I/O pins on the SLG46169, all but one of the pins (Pin 2) can serve as both digital input and digital output.
Pin 2 can only serve as a digital input pin.
7.1 Input Modes
Each I/O pin can be configured as a digital input pin with/without buffered Schmitt Trigger, or can also be configured as a low
voltage digital input. Pins 5, 6 and 8 can also be configured to serve as analog inputs to the on-chip comparators. Pins 12 and 13
can also be configured as analog reference voltage outputs.
7.2 Output Modes
Pins 3, 4, 5, 6, 7, 8, 10, 11, 12, 13 and 14 can all be configured as digital output pins.
7.3 Pull Up/Down Resistors
All I/O pins have the option for user selectable resistors connected to the input structure. The selectable values on these resistors
are 10 k
, 100 k and 1 M. In the case of Pin 2, the resistors are fixed to a pull-down configuration. In the case of all other I/O
pins, the internal resistors can be configured as either pull-up or pull-downs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com