Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46531 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46531
Description  GreenPAK Programmable Mixed-signal Matrix
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46531 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46531 Datasheet HTML 17Page - Dialog Semiconductor SLG46531 Datasheet HTML 18Page - Dialog Semiconductor SLG46531 Datasheet HTML 19Page - Dialog Semiconductor SLG46531 Datasheet HTML 20Page - Dialog Semiconductor SLG46531 Datasheet HTML 21Page - Dialog Semiconductor SLG46531 Datasheet HTML 22Page - Dialog Semiconductor SLG46531 Datasheet HTML 23Page - Dialog Semiconductor SLG46531 Datasheet HTML 24Page - Dialog Semiconductor SLG46531 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 170 page
background image
SLG46531_DS_109
Page 20 of 169
SLG46531
5.14 Analog Temperature Sensor (TS) Specifications
Table 18. TS Output vs Temperature, without buffer
T, °C
VDD = 1.8 V
VDD = 3.3 V
VDD = 5.0 V
Typical, V
Accuracy, %
Typical, V
Accuracy, %
Typical, V
Accuracy, %
-40
0.69
±0.85
0.70
±1.13
0.70
±1.09
-30
0.67
±0.70
0.68
±1.12
0.68
±1.02
-20
0.66
±0.78
0.66
±1.27
0.66
±1.19
-10
0.64
±0.70
0.64
±1.03
0.64
±1.05
0
0.62
±0.66
0.62
±1.13
0.62
±1.10
10
0.60
±0.54
0.60
±1.16
0.60
±1.15
20
0.58
±0.50
0.58
±0.74
0.58
±0.76
30
0.56
±0.91
0.56
±1.29
0.56
±1.22
40
0.54
±0.48
0.54
±0.53
0.54
±0.53
50
0.51
±0.89
0.51
±1.33
0.51
±1.25
60
0.49
±0.95
0.49
±1.14
0.49
±1.18
70
0.47
±0.77
0.47
±0.98
0.47
±1.01
80
0.45
±0.63
0.45
±0.70
0.45
±0.70
90
0.43
±1.12
0.43
±1.22
0.43
±1.22
100
0.41
±2.33
0.41
±2.42
0.41
±2.36
110
0.39
±1.41
0.39
±1.49
0.39
±1.58
120
0.37
±3.28
0.37
±3.25
0.37
±3.31
130
0.35
±3.48
0.35
±3.57
0.35
±3.53
140
0.33
±1.38
0.33
±1.54
0.33
±1.53
150
0.31
±1.42
0.31
±1.61
0.31
±1.58
160
0.28
±5.40
0.28
±5.55
0.28
±5.33
170
0.26
±2.41
0.26
±2.60
0.26
±2.41
180
0.24
±6.04
0.24
±5.84
0.24
±6.16
Table 19. TS Output vs Temperature, with buffer (output range 1)
T, °C
VDD = 1.8 V
VDD = 3.3 V
VDD = 5.0 V
Typical, V
Accuracy, %
Typical, V
Accuracy, %
Typical, V
Accuracy, %
-40
1.20
±3.33
1.20
±3.29
1.20
±3.29
-30
1.16
±3.35
1.16
±3.32
1.16
±3.29
-20
1.13
±3.49
1.13
±3.42
1.13
±3.42
-10
1.10
±3.42
1.10
±3.33
1.10
±3.38
0
1.06
±3.51
1.06
±3.46
1.06
±3.45
10
1.03
±3.63
1.03
±3.60
1.03
±3.60
20
0.99
±3.72
0.99
±3.61
0.99
±3.58
30
0.96
±4.00
0.96
±3.92
0.96
±3.87
40
0.92
±3.73
0.92
±3.64
0.92
±3.64
50
0.88
±4.01
0.88
±3.90
0.88
±3.92
60
0.85
±4.11
0.85
±4.03
0.85
±3.97
70
0.81
±4.18
0.81
±4.12
0.81
±4.06
80
0.78
±4.43
0.78
±4.36
0.78
±4.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com