Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46533 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46533
Description  GreenPAK Programmable Mixed-signal Matrix
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46533 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46533 Datasheet HTML 17Page - Dialog Semiconductor SLG46533 Datasheet HTML 18Page - Dialog Semiconductor SLG46533 Datasheet HTML 19Page - Dialog Semiconductor SLG46533 Datasheet HTML 20Page - Dialog Semiconductor SLG46533 Datasheet HTML 21Page - Dialog Semiconductor SLG46533 Datasheet HTML 22Page - Dialog Semiconductor SLG46533 Datasheet HTML 23Page - Dialog Semiconductor SLG46533 Datasheet HTML 24Page - Dialog Semiconductor SLG46533 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 185 page
background image
SLG46533_DS_114
Page 20 of 184
SLG46533
5.11.3 OSC Power On Delay
Table 12. Oscillators Power On delay at room temperature, DLY/CNT Counter data = 100, RC OSC power setting: "Auto
Power On", RC osc clock to matrix input: "Enable"
Power
Supply
Range
(VDD), V
RC OSC0 2 MHz
RC OSC0 25 kHz
RC OSC1
Typical
Value, µs
Maximum
Value, µs
Typical
Value, ms
Maximum
Value, ms
Typical
Value, µs
Maximum
Value, µs
1.71
368.7
402.3
16.26
17.87
114.4
134.8
1.80
347.0
375.4
15.93
17.79
104.9
122.0
1.89
329.4
354.2
15.58
17.67
96.5
111.5
2.50
278.4
295.2
14.08
16.75
72.0
80.3
2.70
263.2
277.8
13.20
16.21
65.0
71.4
3.00
251.6
264.9
8.38
9.11
60.0
65.1
3.30
238.3
250.6
1.64
2.02
55.2
58.7
3.60
228.3
240.0
1.57
1.92
51.7
55.0
4.20
220.3
231.7
1.55
1.93
49.1
51.9
4.50
208.0
219.2
1.55
2.01
45.5
47.8
5.00
203.0
213.9
1.56
2.01
44.3
46.5
5.50
195.7
206.5
1.58
2.07
43.0
44.8
Table 13. Oscillators Power On delay at room temperature, DLY/CNT Counter data = 100, RC OSC power setting: "Auto
Power On", RC osc clock to matrix input: "Enable", Fast Start-up Time Mode
Power
Supply
Range
(VDD), V
RC OSC0 2 MHz
RC OSC0 25 kHz
Typical
Value, µs
Maximum
Value, µs
Typical
Value, ms
Maximum
Value, ms
1.71
741.8
924.7
20.78
21.36
1.80
703.9
861.5
20.80
21.26
1.89
672.5
809.0
20.81
21.42
2.50
578.5
651.8
20.84
21.40
2.70
546.8
592.8
20.88
21.42
3.00
520.6
549.2
20.93
21.63
3.30
490.4
515.8
21.00
21.65
3.60
468.9
504.7
21.09
21.75
4.20
453.0
496.6
21.18
21.98
4.50
430.1
478.2
21.36
22.34
5.00
420.7
468.5
21.39
22.34
5.50
406.1
451.9
21.38
22.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com