Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46535 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46535
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46535 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46535 Datasheet HTML 17Page - Dialog Semiconductor SLG46535 Datasheet HTML 18Page - Dialog Semiconductor SLG46535 Datasheet HTML 19Page - Dialog Semiconductor SLG46535 Datasheet HTML 20Page - Dialog Semiconductor SLG46535 Datasheet HTML 21Page - Dialog Semiconductor SLG46535 Datasheet HTML 22Page - Dialog Semiconductor SLG46535 Datasheet HTML 23Page - Dialog Semiconductor SLG46535 Datasheet HTML 24Page - Dialog Semiconductor SLG46535 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 185 page
background image
SLG46535_DS_106
Page 20 of 184
SLG46535
5.8 I2C Specifications
5.9 Asynchronous State Machine (ASM) Specifications
IVDD
Maximum Average or DC
Current Through VDD Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
45
mA
TJ = 110°C
--
--
22
mA
IGND
Maximum Average or DC
Current Through GND Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
86
mA
TJ = 110°C
--
--
41
mA
Note 1: DC or average current through any pin should not exceed value given in Absolute Maximum Conditions.
Note 2: The GreenPAK’s power rails are divided in two sides. Pins 2, 3, 4, 5, 6, 7 and 8 are connected to one side, pins 10, 12,
13 and 14 to another.
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
FSCL
Clock Frequency, SCL
VDD = (1.71...5.5) V
--
--
400
kHz
tLOW
Clock Pulse Width Low
VDD = (1.71...5.5) V
1300
ns
tHIGH
Clock Pulse Width High
VDD = (1.71...5.5) V
600
--
--
ns
tI
Input Filter Spike Suppression
(SCL, SDA)
VDD = 1.8 V ± 5 %
--
--
95
ns
VDD = 3.3 V ± 10%
95
VDD = 5.0 V ± 10 %
111
tAA
Clock Low to Data Out Valid
VDD = (1.71...5.5) V
--
--
900
ns
tBUF
Bus Free Time between Stop
and Start
VDD = (1.71...5.5) V
1300
--
--
ns
tHD_STA
Start Hold Time
VDD = (1.71...5.5) V
600
--
--
ns
tSU_STA
Start Set-up Time
VDD = (1.71...5.5) V
600
--
--
ns
tHD_DAT
Data Hold Time
VDD = (1.71...5.5) V
0
--
--
ns
tSU_DAT
Data Set-up Time
VDD = (1.71...5.5) V
100
--
--
ns
tR
Inputs Rise Time
VDD = (1.71...5.5) V
--
--
300
ns
tF
Inputs Fall Time
VDD = (1.71...5.5) V
--
--
300
ns
tSU_STO
Stop Set-up Time
VDD = (1.71...5.5) V
600
--
--
ns
tDH
Data Out Hold Time
VDD = (1.71...5.5) V
50
--
--
ns
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
tst_out_delay
Asynchronous State Machine
Output Delay Time
VDD = 1.8 V ± 5 %
225
--
275
ns
VDD = 3.3 V ± 10%
95
118
VDD = 5.0 V ± 10 %
67
--
77
tst_out
Asynchronous State Machine
Output Transition Time
VDD = 1.8 V ± 5 %
--
--
165
ns
VDD = 3.3 V ± 10%
70
VDD = 5.0 V ± 10 %
--
46
tst_pulse
Asynchronous State Machine
Input Pulse Acceptance Time
VDD = 1.8 V ± 5 %
29
--
--
ns
VDD = 3.3 V ± 10%
14
VDD = 5.0 V ± 10 %
9.2
--
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com