Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLGC55544C Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # SLGC55544C
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLGC55544C Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button SLGC55544C Datasheet HTML 9Page - Dialog Semiconductor SLGC55544C Datasheet HTML 10Page - Dialog Semiconductor SLGC55544C Datasheet HTML 11Page - Dialog Semiconductor SLGC55544C Datasheet HTML 12Page - Dialog Semiconductor SLGC55544C Datasheet HTML 13Page - Dialog Semiconductor SLGC55544C Datasheet HTML 14Page - Dialog Semiconductor SLGC55544C Datasheet HTML 15Page - Dialog Semiconductor SLGC55544C Datasheet HTML 16Page - Dialog Semiconductor SLGC55544C Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
000-000C55544C-105
Page 13 of 20
SLGC55544C
Logic Control Modes
The SLGC55544C supports the listed standards above for the SDP, CDP and DCP modes using the CTL1, CTL2, and CTL3 logic
I/O control pins, although their truth tables are different as shown below. The different CTLx settings correspond to the different
types of charge modes. Also, using the Auto-Detect Mode, the Divider Mode or BC1.2 (draft) / YD/T 1591-2009 can be automat-
ically selected without external user interaction
Note:
With the SLGC55544C, if the “000” mode is selected, the power switch will be turned off and an output discharge resistor will be
connected, while the data line switches will be turned off.
Notes:
1. No VOUT discharge when charging between 1111 and 1110.
2. CDP Load present governed by the SMART-CDP function.
SLGC55544C Control Truth Table
CTL1
CTL2
CTL3
ILIM_SEL
MODE
Current
Limit
Settings
Note
0
0
0
0
Discharge
N/A
Output held LOW
0
0
0
1
Discharge
N/A
Output held LOW
0
0
1
0
DCP Auto
ILIM_H
Data Lines Disconnected
0
0
1
1
DCP Auto
ILIM_H
Data Lines Disconnected
0
1
0
0
SDP1
ILIM_L
Data Lines Connected
0
1
0
1
SDP1
ILIM_H
Data Lines Connected
0
1
1
0
DCP Auto
ILIM_H
Data Lines Disconnected
0
1
1
1
DCP Auto
ILIM_H
Data Lines Disconnected
1
0
0
0
DCP
Shorted
ILIM_L
Device forced to stay in DCP BC 1.2 charging mode
1
0
0
1
DCP
Shorted
ILIM_H
Device forced to stay in DCP BC 1.2 charging mode
1
0
1
0
DCP /
Divider1
ILIM_L
Device forced to stay in DCP Divider1 charging
mode
1
0
1
1
DCP /
Divider1
ILIM_H
Device forced to stay in DCP Divider1 charging
mode
1
1
0
0
SDP1
ILIM_L
Data Lines Connected
1
1
0
1
SDP1
ILIM_H
Data Lines Connected
1
1
1
0
SDP21
ILIM_L
Data Lines Connected
1
1
1
1
CDP1,2
ILIM_H
Data Lines Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com