Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLGC55545 Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # SLGC55545
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLGC55545 Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button SLGC55545 Datasheet HTML 3Page - Dialog Semiconductor SLGC55545 Datasheet HTML 4Page - Dialog Semiconductor SLGC55545 Datasheet HTML 5Page - Dialog Semiconductor SLGC55545 Datasheet HTML 6Page - Dialog Semiconductor SLGC55545 Datasheet HTML 7Page - Dialog Semiconductor SLGC55545 Datasheet HTML 8Page - Dialog Semiconductor SLGC55545 Datasheet HTML 9Page - Dialog Semiconductor SLGC55545 Datasheet HTML 10Page - Dialog Semiconductor SLGC55545 Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
000-000C55545-101
Page 7 of 20
SLGC55545
Electrical Characteristics - Thermal Shutdown
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
Thermal shutdown threshold
155
--
--
°C
Thermal shutdown threshold
in current-limit
135
--
--
°C
Hysteresis
201
°C
Note: 1. Typical value for reference only, not 100% tested.
Electrical Characteristics - Analog Switch
VIN = 5.0 V, TA = 25 °C (unless specified otherwise)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDP_IN, VDM_IN Analog signal Range
0
--
VDD
V
RON
On Resistance
DP_OUT/DM_OUT Switch
VDP/DM_OUT = 0 V,
IDP/DM_IN = 30 mA
--
2
4
Ω
VDP/DM_OUT = 2.4 V,
IDP/DM_IN = -15 mA
--
3
6
Ω
ΔRON
On Resistance Mismatch
between channels
DP_OUT/DM_OUT Switch
VIN = 5 V
VDP_IN = VDM _IN= 400 mV
IDP_IN = IDM_IN = 10 mA
--
0.1
--
Ω
RFLAT
On Resistance flatness
DP_OUT/DM_OUT Switch
VIN = 5.0 V
VDP_IN = VDM_IN = 0 V to VIN
IDP_IN = IDM_IN = 10 mA
--
0.5
--
Ω
RSHORT
On Resistance of
DP_OUT/DM_OUT Short
VCB = 0 V
VDP_IN = 1 V
IDP_IN = IDM _IN= 10 mA
--
100
150
Ω
IDP_OUT_OFF,
IDM_OUTOFF
Off-Leakage Current
VIN = 3.6 V
VDP_IN = VDM_IN = 0.3 V to 3.3 V
VDP_OUT = VDM_OUT = 3.3 V to
0.3 V
VEN = 0 V
-250
--
250
nA
IDP_IN_OFF,
IDM_IN_OFF
Off-Leakage Current
VIN = 3.6 V
VDP_IN = VDM_IN = 3.3 V to 0.3 V
VEN = VIN
-250
--
250
nA
Electrical Characteristics - Dynamic Performance
VDD = 5.0 V, TA = 25 °C (unless specified otherwise)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
TON
Turn On Time
VDP_OUT or VDM_OUT = 1.5 V
RL = 300 Ω
CL = 35 pF
--‘
20
100
μs
TOFF
Turn Off Time
VDP_OUT or VDM_OUT = 1.5 V
RL = 300 Ω
CL = 35 pF
--‘
1
5
μs
TPLH, TPHL
DP_OUT/DM_OUT Switch
Propagation Delay
RL = RS = 50 Ω
--
60
--
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com