Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46WS Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAT46WS
Description  Schottky Barrier Diode 200mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT46WS Datasheet(HTML) 2 Page - Micro Commercial Components

  BAT46WS Datasheet HTML 1Page - Micro Commercial Components BAT46WS Datasheet HTML 2Page - Micro Commercial Components BAT46WS Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision:
A
201
5/12/30
www.mccsemi.com
2 of 3
RATINGS AND CHARACTERISTIC CURVES
0
5
10
15
20
25
30
0
5
10
15
20
0
25
50
75
100
125
0
50
100
150
200
250
300
0
0
2
40
0
6
80
100
0.01
0.1
1
10
100
1000
0
100
200
300
400
500
600
700
800
0.1
1
10
100
Capacitance Characteristics
Ta=25℃
f=1MHz
REVERSE VOLTAGE
V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE
T
a
(℃)
Reverse
Characteristics
REVERSE VOLTAGE
V
R
(V)
Ta=25 ℃
Ta=100 ℃
300
Forward
Characteristics
FORWARD VOLTAGE
V
F
(mV)
Ta
=2
5℃
Ta
=1
00
℃
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com