Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR151GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR151GP
Description  1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR151GP Datasheet(HTML) 1 Page - Micro Commercial Components

  FR151GP_13 Datasheet HTML 1Page - Micro Commercial Components FR151GP_13 Datasheet HTML 2Page - Micro Commercial Components FR151GP_13 Datasheet HTML 3Page - Micro Commercial Components FR151GP_13 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR151GP
THRU
FR157GP
1.5 Amp Glass
Passivated Fast
Recovery Rectifier
50 to 1000 Volts
Features
•
Glass Passivated Junction
•
Fast Switching Speed For High Efficiency
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR151GP
50V
35V
50V
FR152GP
100V
70V
100V
FR153GP
200V
140V
200V
FR154GP
400V
280V
400V
FR155GP
600V
420V
600V
FR156GP
800V
560V
800V
FR157GP
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.5A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
FR151GP-154GP
FR155GP
FR156GP-157GP
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
20pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-15
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
FR151GP
FR15
2GP
FR15
3GP
FR15
4GP
FR15
5GP
FR15
6GP
FR15
7GP
www.mccsemi.com
1 of 4
Maximum Ratings
•
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - FR151GP_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - FR151GP_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5391GP MCC-1N5391GP Datasheet
78Kb / 3P
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
FR151GP MCC-FR151GP Datasheet
83Kb / 3P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
RGP15A MCC-RGP15A Datasheet
83Kb / 3P
1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
1N5391GP CHENYI-1N5391GP Datasheet
48Kb / 3P
1.5 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Daya Electric Group Co....
FR151 DAYA-FR151 Datasheet
83Kb / 3P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
1N5391GP MCC-1N5391GP_11 Datasheet
429Kb / 4P
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
FR151 MCC-FR151_11 Datasheet
747Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151S MCC-FR151S Datasheet
232Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
1N5391GP MCC-1N5391GP_13 Datasheet
451Kb / 4P
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com