Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR152S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR152S
Description  1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR152S Datasheet(HTML) 1 Page - Micro Commercial Components

  FR152S Datasheet HTML 1Page - Micro Commercial Components FR152S Datasheet HTML 2Page - Micro Commercial Components FR152S Datasheet HTML 3Page - Micro Commercial Components FR152S Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR151S
THRU
FR157S
1.5 Amp Fast
Recovery Rectifier
50 to 1000 Volts
Features
•
Fast Switching Speed For High Efficiency
•
High Current Capability
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR151S
50V
35V
50V
FR152S
100V
70V
100V
FR153S
200V
140V
200V
FR154S
400V
280V
400V
FR155S
600V
420V
600V
FR156S
800V
560V
800V
FR157S
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.5A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
FR151S-154S
FR155S
FR156S-157S
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
20pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-41
 omponents
20736 Marilla Street Chatsworth

 !"#
$%  !"#
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
FR151S
FR152S
FR153S
FR154S
FR155S
FR156S
FR157S
www.mccsemi.com
1 of 4
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
•
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - FR152S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR152S MCC-FR152S Datasheet
232Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
FR152S TSC-FR152S Datasheet
544Kb / 2P
1.5 AMPS. Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
FR152S GWSEMI-FR152S Datasheet
67Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR152S TSC-FR152S Datasheet
375Kb / 4P
Fast Recovery Rectifiers
More results

Similar Description - FR152S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR151 MCC-FR151 Datasheet
80Kb / 3P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP Datasheet
83Kb / 3P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Daya Electric Group Co....
FR151 DAYA-FR151 Datasheet
83Kb / 3P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR10A MCC-FR10A_11 Datasheet
247Kb / 4P
10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151 MCC-FR151_11 Datasheet
747Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151S MCC-FR151S Datasheet
232Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151 MCC-FR151_13 Datasheet
770Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_13 Datasheet
780Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com