Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLS Datasheet(PDF) 2 Page - TT Electronics.

Part # CSLS
Description  Four Terminal Open Air Low Ohm Current Sense Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CSLS Datasheet(HTML) 2 Page - TT Electronics.

  CSLS Datasheet HTML 1Page - TT Electronics. CSLS Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Four Terminal Open Air
Low Ohm Current Sense
CSLS Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Dimensions (Inches (mm))
ABC
D
E
F
G
H
0.862
(21.9)
0.426
(10.8)
0.800
(20.3)
0.200
(5.1)
0.300
(7.6)
0.555
(14.01)
0.176
(4.5)
0.062
(1.57)
B
A
F
E
D
H
C
G
#1
#2
#3
#4
#1
#2
#3
#4
RECOMMENDED PC BOARD FOOTPRINT
AND ELECTRICAL CONNECTION
0.800
[20.32]
±.005
±.127
0.500
[12.70]
±.005
±.127
0.300
[7.62]
±.005
±.127
#43 HOLE SIZE (CLEAR I.D)
0.089 [2.26mm]
RECOMMENDED ELECTRICAL CONNECTION
TERMINALS 2 & 3 CURRENT TRACES
TERMINALS 1 & 4 SENSE TRACES
ALL DIMENSIONS 0.010 (0.254) UNLESS OTHERWISE STATED.
DIMENSIONS C, D, & E = /-0.005 (0.127)
DIMENSIONS A AND F REFERENCE ONLY.
Note:
1.1 mΩ - 2.5 mΩ = 0.014 [0.356]
0.4 mΩ - 1.0 mΩ = 0.036 [0.914]
0.25 mΩ - 0.4 mΩ = 0.071 [1.80]
CSLS
Four Terminal Open Air
Low Ohm Current Sense
Sample Part No.
IRC Type
Resistance Value (EIA 4-digit code)
Tolerance
F = ±1%
Marking
U = unmarked
M = marked
RoHS - Compliance
LF = RoHS compliant construction
Ordering Data
CSLS
R001
F
U
LF
CSL Series Issue April 2011 Sheet 2 of 2
Refer to
Note
I
I
V +
V - Sense tracks
CSL(S)
Ordering Procedure
Example: CSLS-R001FLF (CSLS, 1 milliohm ±1%, marked, Pb-free)
C S
L S R 0
0
1
F
L
F
1
2
3
4
5
1
2
3
4
5
Type
Value
Tolerance
Marking
Termination
CSLS
4-6 characters
F = ±1%
Omit
Marked
Standard
LF = Pb-free
See Electrical Data
U
Unmarked Non-standard
R = ohms
BI Technologies IRC Welwyn
02.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com