Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC Datasheet(PDF) 2 Page - TT Electronics.

Part # EMC
Description  Pulse Withstanding Fusible Flameproof Metal Film Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

EMC Datasheet(HTML) 2 Page - TT Electronics.

  EMC Datasheet HTML 1Page - TT Electronics. EMC Datasheet HTML 2Page - TT Electronics. EMC Datasheet HTML 3Page - TT Electronics. EMC Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Single Rectangular Pulse
1
10
100
1000
10000
0.01
0.11
10
100
1000 10000
Pulse Duration (ms)
Single Rectangular Pulse
1
10
100
1000
10000
0.01
0.11
10
100
1000 10000
Pulse Duration (ms)
Single Rectangular Pulse
1
10
100
1000
10000
0.01
0.11
10
100
1000 10000
Pulse Duration (ms)
IEC61000-4-5 1.2/50 s Pulse
0
100
200
300
400
500
600
700
010203040506070
Value(Ohms)
IEC61000-4-5 1.2/50 s Pulse
0
100
200
300
400
500
600
700
010203040506070
Value(Ohms)
IEC61000-4-5 1.2/50 s Pulse
0
100
200
300
400
500
600
700
010203040506070
Value(Ohms)
Pulse Withstanding Fusible
Flameproof Metal Film Resistors
EMC Series
Flammability
TheresistorcoatingisUL94-V0ratedandwillnotburnoremitincandescentparticlesunderanyconditionofapplied
temperature or power overload.
Marking
EMCresistorsarecolourcodedwithfivebands.Fourofthebandsindicatevalueandtoleranceinaccordancewith
IEC62.Partswith20%tolerancehavenofourthband.Afifthyellowbanddenotesconstantvoltagefusibility.
Maximum
LoadatRatedPower:1000hrs@70°C
ΔR%
5
Shelf life: 12 months at room temperature
ΔR%
2
Deratingfromratedpowerat70°C
Zeroat155°C
Climatic
ΔR%
3
ClimaticCategory
50/155/56
Temperature rapid change
ΔR%
0.5
Resistance to solder heat
ΔR%
0.5
Performance Data
Pulse Performance
Fusing Performance
EMCresistorsfuseopencircuitatoverloadpowers
exceeding60WwithinthetimeindicatedontheFusing
Characteristic.Theirfusingperformanceatloweroverload
powersisnotspecified.
EMCresistorsfusesafelyintheeventofa115Vrms/
240Vrmsoverload(line/mainsshortcircuitcondition)
withoutburningoremittingincandescentparticles.
Afterfusing,theresistanceisatleast100timesgreater
than the original nominal value.
Fusing Characteristic
(Constant Voltage)
Initial Power (W)
40 50 60 70 80 90 100
0
5
10
15
20
(4R7-8R2)
(10R-68R)
03.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com