Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F44D Datasheet(PDF) 2 Page - TT Electronics.

Part # F44D
Description  Thick Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

F44D Datasheet(HTML) 2 Page - TT Electronics.

  F44D Datasheet HTML 1Page - TT Electronics. F44D Datasheet HTML 2Page - TT Electronics. F44D Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Voltage
Thick Film Resistors
F Series
High Voltage
Thick Film Resistors
F Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
202
Application Notes
Mounting
Due to the high voltage which can appear between the end
cap and any adjacent metal part, resistors should be mounted
at an adequate distance from other conductors.
Resistors may be screwed together to provide an assembly
which will be capable of withstanding any desired voltage,
providing no individual resistor is subjected to a greater stress
or power dissipation than is recommended in this data sheet.
For some high voltage applications it is required to immerse
the components in oil or gas to reduce the effects of corona
and surface tracking. A special lacquer is available, suitable
for immersion in transformer oil of SF6.
When resistors are required to be potted, the preferred
encapsulant is a silicone compound.
For voltage dividers with a low resistance section below the
minimum available value of an F43 resistors, it is entirely
suitable to use an RC Series resistor, available down to 1 ohm.
Standard Quantities Per Box
All Types
10 or 20 per box
Construction
The Cermetox® thick film is fired on to the surface of a high
quality ceramic former. Turned brass end caps are fitted. A
helical cut is made into the film to adjust its ohmic value and
finally a sleeve is fitted to provide mechanical protection and
electrical insulation. Resistors for use in oil SF6 can be
supplied with a lacquer protection instead of the sleeve.
Terminations
Three styles of termination are available to permit resistors to
be screwed together in a series chain, with the end members
having axial wires for soldering.
Wire Terminations: Styles D and KU
Non standard wire terminations
available upon request.
Material:
Solder coated copper wire
Strength:
The terminations meet the requirements
of IEC 68.2.21.
Solderability:
The terminations meet the requirements
of IEC 115-1, Clause 4.17.3.2.
Screw Terminations: Styles TU and KU
Material:
Turned brass
Screw Thread:
All caps are tapped UNF - 10 x 4.2
deep. UNF - 10 is 32 TPI, 60° thread
angle 4.72 ±0.07 mm outside diameter,
3.83 mm core diameter.
Coupling Stud:
All KU & TU resistors are supplied with
8 mm long screwed brass studs.
Marking
Type reference, resistance value, tolerance and date code are
legend marked. The resistance values conform to IEC 62.
Solvent Resistance
The lacquer and protective sleeve provide excellent resistance
to all normal industrial cleaning solvents suitable for printed
circuits.
Matched Sets
Matched sets can be supplied for use as voltage dividers.
These may be screwed together to form sticks and, by
selecting the KU type of termination, a wire connection can
be provided at each end of the stick.
Enquiries are welcomed for special resistors and sets when
resistor length, operating voltage or resistance vale is outside
the catalogued range.
Packaging
All components are supplied in boxes.
Maximum
Typical
Load at rated power: 1000 hours at 20°C
∆R%
5
1
Shelf life: 12 months at room temperature
∆R%
0.5
Derating from rated power at 20°C
Zero at 100°C
Noise (µV/V in a decade of frequency)
<2.5
Voltage coefficient of resistance
ppm/V
<25
Performance Data
High Voltage
Thick Film Resistors
F Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
202
Application Notes
Mounting
Due to the high voltage which can appear between the end
cap and any adjacent metal part, resistors should be mounted
at an adequate distance from other conductors.
Resistors may be screwed together to provide an assembly
which will be capable of withstanding any desired voltage,
providing no individual resistor is subjected to a greater stress
or power dissipation than is recommended in this data sheet.
For some high voltage applications it is required to immerse
the components in oil or gas to reduce the effects of corona
and surface tracking. A special lacquer is available, suitable
for immersion in transformer oil of SF6.
When resistors are required to be potted, the preferred
encapsulant is a silicone compound.
For voltage dividers with a low resistance section below the
minimum available value of an F43 resistors, it is entirely
suitable to use an RC Series resistor, available down to 1 ohm.
Standard Quantities Per Box
All Types
10 or 20 per box
Construction
The Cermetox® thick film is fired on to the surface of a high
quality ceramic former. Turned brass end caps are fitted. A
helical cut is made into the film to adjust its ohmic value and
finally a sleeve is fitted to provide mechanical protection and
electrical insulation. Resistors for use in oil SF6 can be
supplied with a lacquer protection instead of the sleeve.
Terminations
Three styles of termination are available to permit resistors to
be screwed together in a series chain, with the end members
having axial wires for soldering.
Wire Terminations: Styles D and KU
Non standard wire terminations
available upon request.
Material:
Solder coated copper wire
Strength:
The terminations meet the requirements
of IEC 68.2.21.
Solderability:
The terminations meet the requirements
of IEC 115-1, Clause 4.17.3.2.
Screw Terminations: Styles TU and KU
Material:
Turned brass
Screw Thread:
All caps are tapped UNF - 10 x 4.2
deep. UNF - 10 is 32 TPI, 60° thread
angle 4.72 ±0.07 mm outside diameter,
3.83 mm core diameter.
Coupling Stud:
All KU & TU resistors are supplied with
8 mm long screwed brass studs.
Marking
Type reference, resistance value, tolerance and date code are
legend marked. The resistance values conform to IEC 62.
Solvent Resistance
The lacquer and protective sleeve provide excellent resistance
to all normal industrial cleaning solvents suitable for printed
circuits.
Matched Sets
Matched sets can be supplied for use as voltage dividers.
These may be screwed together to form sticks and, by
selecting the KU type of termination, a wire connection can
be provided at each end of the stick.
Enquiries are welcomed for special resistors and sets when
resistor length, operating voltage or resistance vale is outside
the catalogued range.
Packaging
All components are supplied in boxes.
Maximum
Typical
Load at rated power: 1000 hours at 20°C
∆R%
5
1
Shelf life: 12 months at room temperature
∆R%
0.5
Derating from rated power at 20°C
Zero at 100°C
Noise (µV/V in a decade of frequency)
<2.5
Voltage coefficient of resistance
ppm/V
<25
Performance Data
04.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com