Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR Datasheet(PDF) 2 Page - TT Electronics.

Part # FCR
Description  Fusible Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FCR Datasheet(HTML) 2 Page - TT Electronics.

  FCR Datasheet HTML 1Page - TT Electronics. FCR Datasheet HTML 2Page - TT Electronics. FCR Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fusible Chip
Resistors
FCR Series
Fusible Chip Resistors
05 . 08
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
FCR Series
Performance Data
Maximum
Typical
Load at rated power: 1000 hours cyclic load @ 70°C
ΔR%
1
0.1
Shelf life test: 12 months at room temperature
ΔR%
0.2
0.1
Derating from rated power at 70°C
Zero at 125°C
Short term overload: 10 cycles of 6.25 x rated power for 5S
ΔR%
2.5
0.1
Climatic category
55/125/56
Long term damp heat 56 days 85°C 85
%RH
ΔR%
3
0.5
Temperature rapid change -55 to 125°C
ΔR%
1
0.1
Resistance to solder heat
ΔR%
2.5
1
Post-fuse leakage: 50Vdc (25Vdc for 0603)
mA
10
2
Voltage proof
volts
400
Insulation resistance @ 100Vdc
ohms
>100M
Fusing Performance
Note – actual fusing characteristics depend on mounting conditions.
Reference conditions are FR4 substrate with
35• m (1oz) copper, pad and track width as follows: 0603
– 1.5mm, 0805 – 1.7mm, 1206 – 2mm, 1210 – 2.9mm,
2010 – 3mm.
Packaging
F
CR Resistors are supplied taped and reeled on a 7” reel as per IEC 286-3. The width of the reel is 15.4±1mm for
2010 size and 11.4±1.1mm for the smaller sizes.
1
10
100
0
12
3
45
6
7
89
1210
& 2010
Initial Power (W)
Fuse Time (s)
Typical Constant Voltage Fusing Characteristic
0603, 0805
& 1206
04.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com