Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC65 Datasheet(PDF) 2 Page - TT Electronics.

Part # GC65
Description  High Value Thick Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GC65 Datasheet(HTML) 2 Page - TT Electronics.

  GC65 Datasheet HTML 1Page - TT Electronics. GC65 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Value Thick Film
Resistors
GC Series
High Value Thick Film
Resistors
GC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
11.09
Welwyn Components
b
f1
f2
6
6
c
Body Location f 1 – f 2 ≤ 1.4 mm
Packaging
The standard method of packaging GC resistors is taped in
ammo packs. Taped resistors on reel or loose packed
components can also be supplied by special request. In the
case of tape packed components the usable lead length is
reduced by the width of the tape. A detailed taping
specification is available on request.
These products are also available in a range of lead forming options.
In particular, GC65 & GC70 are available in ZI-form SMD format packed
in blister tape - see:
http://www.ttelectronicsresistors.com/pdf/datasheet/ZI-form.pdf
Figure 2
l
a
c
i
p
y
T
m
u
m
i
x
a
M
Load at rated power: 1000 hrs at 70°c
∆
5
.
0
1
%
R
Derating
Zero at 155°C
Overload
∆
2
.
0
1
%
R
Climatic
∆
5
2
.
0
1
%
R
Climatic category
∆
6
5
/
5
5
1
/
5
5
%
R
Temperature rapid change
∆
5
1
.
0
1
%
R
Resistance to Solder Heat
∆
3
0
.
0
2
.
0
%
R
Vibration and bump
∆
2
0
.
0
1
.
0
%
R
.
n
i
m
0
0
0
1
s
tl
o
v
f
o
o
r
p
e
g
a
tl
o
V
Performance Data
c
b
e
p
y
T
GC55/GC65
52
5
0
1
7
6
0
7
C
G
N.B. This product can be custom built to meet specific voltage coefficient or pulse requirements.
Ordering Procedure
Example: GC55 at 4.7 megohms and 1% tolerance in ammo pack box of up to 5000 pieces -
G C 5 5 – 4 M 7 F I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
Packing
I
Ammo
GC55
Up to 5000/box
Standard
GC65
Up to 2500/box
GC70
Up to 1000/box
11.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
http://www.ttelectronics.com/themes/ttelectronics/datasheets/resistors/ZI-form.pdf



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com