Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2302-R-DAPB Datasheet(PDF) 2 Page - TT Electronics.

Part # D2302-R-DAPB
Description  SOT23 Surface Mount Voltage Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

D2302-R-DAPB Datasheet(HTML) 2 Page - TT Electronics.

  D2302-R-DAPB Datasheet HTML 1Page - TT Electronics. D2302-R-DAPB Datasheet HTML 2Page - TT Electronics. D2302-R-DAPB Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SOT23 Surface Mount
Voltage Divider
DIV23 Series
DIV23 Series Issue October 2009 Sheet 2 of 2
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
SOT23 Surface Mount
Voltage Divider
Physical Data
Ordering Procedure
Prefix
SOT - DIV23LF -
01 - 1002 - 1002 - F B
Style
DIV23 = Divider network with standard Sn/Pb termination
DIV23LF= Divider network with Pb-free termination
Absolute TCR Code
00 = ±250ppm/°C; 01 = ±100ppm/°C;
02 = ±50ppm/°C; 03 = ±25ppm/°C
R1 Resistance Code
4-Digit Resistance Code
Ex: 1002 = 10KW; 50R1 = 50.1W
R2 Resistance Code
4-Digit Resistance Code
Ex: 1002 = 10KW; 50R1 = 50.1W
Absolute Tolerance Code
K = ±10%; J = ±5%; G = ±2%; F = ±1%;
D = ±0.5%; C = ±0.25%; B = ±0.1%
Ratio Tolerance Code
G = ±2%; F = ±1%; D = ±0.5%;
C = ±0.25%; B = ±0.1%; A = ±0.05%
Packaging
Standard packaging is tape & reel.
SOT23 Series Legacy Design Note
The SOT-DIV23 place R1 between pins 1 and 3 and R2 between pins 2 and 3.
The SOT-SOT23 place R1 between pins 2 and 3 and R2 between pins 1 and 3.
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Power Derating Data
25°
70°
125°
100
50
10
Temperature in °C
Schematic Data
R2
R1
1
2
3
Viewed from top of part
Note: Dimensions do not include mold flash and metal burr.
DIV23 Series Issue October 2009 Sheet 2 of 2
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
SOT23 Surface Mount
Voltage Divider
Physical Data
Ordering Procedure
Prefix
SOT - DIV23LF -
01 - 1002 - 1002 - F B
Style
DIV23 = Divider network with standard Sn/Pb termination
DIV23LF= Divider network with Pb-free termination
Absolute TCR Code
00 = ±250ppm/°C; 01 = ±100ppm/°C;
02 = ±50ppm/°C; 03 = ±25ppm/°C
R1 Resistance Code
4-Digit Resistance Code
Ex: 1002 = 10KW; 50R1 = 50.1W
R2 Resistance Code
4-Digit Resistance Code
Ex: 1002 = 10KW; 50R1 = 50.1W
Absolute Tolerance Code
K = ±10%; J = ±5%; G = ±2%; F = ±1%;
D = ±0.5%; C = ±0.25%; B = ±0.1%
Ratio Tolerance Code
G = ±2%; F = ±1%; D = ±0.5%;
C = ±0.25%; B = ±0.1%; A = ±0.05%
Packaging
Standard packaging is tape & reel.
SOT23 Series Legacy Design Note
The SOT-DIV23 place R1 between pins 1 and 3 and R2 between pins 2 and 3.
The SOT-SOT23 place R1 between pins 2 and 3 and R2 between pins 1 and 3.
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Power Derating Data
25°
70°
125°
100
50
10
Temperature in °C
Schematic Data
R2
R1
1
2
3
Viewed from top of part
Note: Dimensions do not include mold flash and metal burr.
BI Technologies IRC Welwyn
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com