Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2301-R-DAPB Datasheet(PDF) 3 Page - TT Electronics.

Part # D2301-R-DAPB
Description  SOT23 Surface Mount Voltage Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

D2301-R-DAPB Datasheet(HTML) 3 Page - TT Electronics.

  D2301-R-DAPB Datasheet HTML 1Page - TT Electronics. D2301-R-DAPB Datasheet HTML 2Page - TT Electronics. D2301-R-DAPB Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SOT23 Surface Mount
Voltage Divider
DIV23 Series
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: D23-1K0-3K3FB (25ppm/°C, R1=1 kilohm, R2=3.3 kilohms, absolute tolerance
±1%, ratio tolerance ±0.1%, Pb-free)
D 2
3
-
1 K
0
-
3 K
3
F B
1
2
3
4
5
6
7
Note that this is equivalent to the legacy part number SOT23-3K3-1K0FB in which positions of R1 and R2 were transposed.
USA (IRC) Part Number: SOT-DIV23LF-03-1001-3301-FB (25ppm/°C, R1=1 kilohm, R2=3.3 kilohms, absolute
tolerance ±1%, ratio tolerance ±0.1%, Pb-free)
S O T
-
D
I
V
2
3
L
F
-
0
3
-
1
0
0
1
-
3
3
0
1
-
F B
1
2
3
4
5
6
7
8
Note that this is equivalent to the legacy part number SOT-SOT23LF-03-3301-1001-FB in which positions of R1 and R2 were transposed.
1
2
3
4
5
6
7
Type
Absolute TCR
Value R1 Value R2 Absolute
Tolerance
Ratio
Tolerance
Termination &
Packing
D23 =
DIV23
Omit for ±25ppm/°C E24 = 3/4 characters
E96 = 3/4 characters
R = ohms
K = kilohms
B = ±0.1% A = ±0.05% Omit for Pb-free,
Standard pack
02 = ±50ppm/°C
C = ±0.25% B = ±0.1%
01 = ±100ppm/°C
D = ±0.5% C = ±0.25% PB = SnPb finish,
Standard pack
00 = ±250ppm/°C
F = ±1%
D = ±0.5%
G = ±2%
F = ±1%
1000/reel
J = ±5%
G = ±2%
K = ±10%
1
2
3
4
5
6
7
8
Family Model
Termination
Absolute TCR
Value
R1
Value
R2
Absolute
Tolerance
Ratio
Tolerance Packing
SOT
DIV23 Omit for SnPb
(60/40)
03 = ±25ppm/°C 3 digits + multiplier B = ±0.1%
A = ±0.05% 1000/reel
02 = ±50ppm/°C
R = ohms for
values <100 ohms
C = ±0.25%
B = ±0.1%
LF = Pb-free
(100%Sn)
01 = ±100ppm/°C
D = ±0.5% C = ±0.25%
00 = ±250ppm/°C
F = ±1%
D = ±0.5%
G = ±2%
F = ±1%
J = ±5%
G = ±2%
K = ±10%
BI Technologies IRC Welwyn
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com