Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC0603AS-RFT5 Datasheet(PDF) 2 Page - TT Electronics.

Part # DSC0603AS-RFT5
Description  Double-Sided Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DSC0603AS-RFT5 Datasheet(HTML) 2 Page - TT Electronics.

  DSC0603AS-RFT5 Datasheet HTML 1Page - TT Electronics. DSC0603AS-RFT5 Datasheet HTML 2Page - TT Electronics. DSC0603AS-RFT5 Datasheet HTML 3Page - TT Electronics. DSC0603AS-RFT5 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Double Sided
Chip Resistors
DSC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07. 08
Welwyn Components
Performance Data
Pulse Performance Data
Lightning Surge
Resistors are tested in
accordance with IEC 60 115-1 using
both 1.2/50µs and 10/700µs pulse
shapes. 10 pulses are applied. The
limit of acceptance is a shift in
resistance of less than 1% from the
initial value.
10
100
1,000
10,000
1
10
100
1,000
10,000
100,000
1,000,000
10,000,000
Value (ohms)
1.2/50µs Lightning Surge
0805
1206
2010
2512
10
100
1,000
10,000
10
100
1,000
10,000
100,000
1,000,000
10,000,000
Value (ohms)
10/700µs Lightning Surge
0805
1206
2010
2512
Double Sided
Chip Resistors
DSC Series
Maximum
Typical
Loadatratedpower:1000hoursat70°C
ΔR%
1
0.25
Deratingfromratedpowerat70°C
ΔR%
Zeroat155°C
Overload:6.25xratedpowerfor2seconds
1
0.1
Shelflifetest:12monthsatroomtemperature
ΔR%
0.1
0.02
Dryheat:1000hoursat155°C
ΔR%
1
0.2
Long term damp heat
ΔR%
1
0.25
Temperature rapid change
ΔR%
0.25
0.05
Resistancetosulphur-bearinggas(ASversiononly):
ASTM-B-809
0.25
0.05
Resistancetosolderheat
ΔR%
0.25
0.05
2512
2010
1206
0805
0603
2512
2010
1206
0805
0603
11.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com