Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2010AS-RFT5 Datasheet(PDF) 4 Page - TT Electronics.

Part # DSC2010AS-RFT5
Description  Double-Sided Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DSC2010AS-RFT5 Datasheet(HTML) 4 Page - TT Electronics.

  DSC2010AS-RFT5 Datasheet HTML 1Page - TT Electronics. DSC2010AS-RFT5 Datasheet HTML 2Page - TT Electronics. DSC2010AS-RFT5 Datasheet HTML 3Page - TT Electronics. DSC2010AS-RFT5 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Double Sided
Chip Resistors
DSC Series
Double Sided
Chip Resistors
DSC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07. 08
Welwyn Components
Thermal Performance Data
Ambient Temperature/°C
125
100
75
50
25
0
-15
70
155
Temperature Derating Curve
Packaging
0603, 0805 and1206 DSC series resistors are supplied on 8mm carrier tape and 7 inch reels as per IEC 286-3, quantity per reel; 3000.
2010 and 2512 DSC series resistors are supplied on 12mm carrier tape and 7 inch reels as per IEC 286-3, quantity per reel;
2010 : 3000pcs; 2512 : 1800pcs. Reels of 1000pcs are available on request.
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
Power Dissipation (W)
Temperature Rise Curves
0805 1206
2010
2512
Packaging
0603,0805and1206resistorsaresuppliedon8mmcarriertapeand2010and2512resistorsaresuppliedon12mmcarriertape,
allon7inchreelsasperIEC286-3.
Ordering Procedure
Double Sided
Chip Resistors
DSC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07. 08
Welwyn Components
Application Notes
DSC resistors are ideally suited for handling by automatic
methods due to their rectangular shape and the small
dimensional tolerances. Electrical connection to a ceramic
substrate or to a printed circuit board can be made by reflow
or wave soldering of wrap-around terminations.
Wrap-around terminations provide good leach properties and
ensure reliable contact. Due to the robust construction, the
DSC can be immersed in the solder bath for 30 seconds at
260°C. This enables the resistor to be mounted on one side
of a printed circuit board and wire-leaded components
applied on the other side. DSC is compatible with typical
Pb-free soldering materials and temperature profiles.
DSC resistors themselves can operate at a maximum
temperature of 155°C. For soldered resistors, the joint
temperature should not exceed 110°C. This condition is met
when the stated power levels at 70°C and recommended
pad and trace areas are used. Pad and trace area is defined as
the total area of the solder pad plus all copper trace within two
squares of the edge of the solder pad. Allowance should be made
if smaller areas of copper are used.
7. Ordering Procedure – Replace with below
Example: DSC2512-10KFT18 (DSC2512, 10 kilohms ±1%, Pb-free)
8. Update header & footer branding
D S C 2 5 1 2
- 1 0 K F T 1 8
1
2
3
4
5
6
1
2
3
4
5
6
Type
Size
Anti-Sulphur
Value
Tolerance
Termination & Packing
DSC
0603
Omit for Standard
E24 = 3/4 characters
D
±0.5%
Standard Pb-free finish
0805 AS
Anti-Sulphur
E96 = 3/4 characters
F
±1%
T5
0603
5000/reel standard
1206
R = ohms
J
±5%
T3
0805
3000/reel standard
2010
K = kilohms
1206
2512
M = megohms
2010
T18
2512
1800/reel standard
T1 All sizes
1000/reel available
SnPb finish
PB All sizes Standard quantities as for Pb-free
11.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com