Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2302-R-FAPB Datasheet(PDF) 1 Page - TT Electronics.

Part # D2302-R-FAPB
Description  SOT23 Surface Mount Voltage Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

D2302-R-FAPB Datasheet(HTML) 1 Page - TT Electronics.

  D2302-R-FAPB Datasheet HTML 1Page - TT Electronics. D2302-R-FAPB Datasheet HTML 2Page - TT Electronics. D2302-R-FAPB Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT23 Surface Mount
Voltage Divider
DIV23 Series
Replaces legacy SOT23 Series for new designs
Precision ratio tolerances to ±0.05%
Superior alternative to matched sets
Ultra-stable TaNSil® resistors on silicon substrate
RoHS Compliant and Sn/Pb terminations available
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
DIV23 Series Issue October 2009 Sheet 1 of 2
SOT23 Surface Mount
Voltage Divider
• Replaces IRC SOT23 Series for new designs
• Precision ratio tolerances to ±0.05%
• Superior alternative to matched sets
• Ultra-stable TaNSil® resistors on silicon substrate
• RoHS Compliant and Sn/Pb terminations available
New DIV23 Series
Element Resistance
Available
Absolute Tolerances
Available
Ratio Tolerances
Best
Absolute TCR
Tracking TCR
10 - 25
F G J K
D F G
±100ppm/°C
±25ppm/°C
25.1 - 50
D F G J K
C D F G
±50ppm/°C
±10ppm/°C
51 - 500
C D F G J K
B C D F G
±25ppm/°C
±2ppm/°C
501 - 100K
B C D F G J K
A B C D F G
±25ppm/°C
±2ppm/°C
101K - 200K
B C D F G J K
B C D F G
±25ppm/°C
±2ppm/°C
Manufacturing Capability
Electrical Data
Environmental Data
Test Per
MIL-PRF-83401
Typical
Delta R
Max Delta
R
Thermal Shock
±0.02%
±0.1%
Power Conditioning
±0.03%
±0.1%
High Temperature Exposure
±0.03%
±0.05%
Short-time Overload
±0.02%
±0.05%
Low Temperature Storage
±0.03%
±0.05%
Life
±0.05%
±0.1%
Element Resistance Range
10 to 200K
Total Resistance Range
20 to 400K
Absolute Tolerance
To ±0.1%
Ratio Tolerance to R1
To ±0.05%
Absolute TCR
To ±25ppm/°C
Tracking TCR
To ±2ppm/°C
Element Power Rating @ 70°C
125mW
Package Power Rating @ 70°C
250mW
Rated Operating Voltage
(not to exceed P x R)
100 Volts
Operating Temperature
-55°C to
+125°C
Noise
<-30dB
√
______
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
DIV23 Series Issue October 2009 Sheet 1 of 2
SOT23 Surface Mount
Voltage Divider
• Replaces IRC SOT23 Series for new designs
• Precision ratio tolerances to ±0.05%
• Superior alternative to matched sets
• Ultra-stable TaNSil® resistors on silicon substrate
• RoHS Compliant and Sn/Pb terminations available
New DIV23 Series
Element Resistance
Available
Absolute Tolerances
Available
Ratio Tolerances
Best
Absolute TCR
Tracking TCR
10 - 25
F G J K
D F G
±100ppm/°C
±25ppm/°C
25.1 - 50
D F G J K
C D F G
±50ppm/°C
±10ppm/°C
51 - 500
C D F G J K
B C D F G
±25ppm/°C
±2ppm/°C
501 - 100K
B C D F G J K
A B C D F G
±25ppm/°C
±2ppm/°C
101K - 200K
B C D F G J K
B C D F G
±25ppm/°C
±2ppm/°C
Manufacturing Capability
Electrical Data
Environmental Data
Test Per
MIL-PRF-83401
Typical
Delta R
Max Delta
R
Thermal Shock
±0.02%
±0.1%
Power Conditioning
±0.03%
±0.1%
High Temperature Exposure
±0.03%
±0.05%
Short-time Overload
±0.02%
±0.05%
Low Temperature Storage
±0.03%
±0.05%
Life
±0.05%
±0.1%
Element Resistance Range
10 to 200K
Total Resistance Range
20 to 400K
Absolute Tolerance
To ±0.1%
Ratio Tolerance to R1
To ±0.05%
Absolute TCR
To ±25ppm/°C
Tracking TCR
To ±2ppm/°C
Element Power Rating @ 70°C
125mW
Package Power Rating @ 70°C
250mW
Rated Operating Voltage
(not to exceed P x R)
100 Volts
Operating Temperature
-55°C to
+125°C
Noise
<-30dB
√
______
Resistors
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
BI Technologies IRC Welwyn
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors


Similar Part No. - D2302-R-FAPB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2300 AGERE-D2300 Datasheet
265Kb / 8P
1.3 mm D2300-Type Laser Isolated DFB Laser Module
February 2000
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Agere Systems
D2304G AGERE-D2304G Datasheet
265Kb / 8P
1.3 mm D2300-Type Laser Isolated DFB Laser Module
February 2000
logo
Micro Electronics
D2304G MICRO-ELECTRONICS-D2304G Datasheet
265Kb / 8P
1.3 m D2300-Type Laser Isolated DFB Laser Module
More results

Similar Description - D2302-R-FAPB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5491 MAXIM-MAX5491 Datasheet
155Kb / 7P
Precision-Matched Resistor-Divider in SOT23
Rev 3; 12/04
logo
California Micro Device...
PRN105 CALMIRCO-PRN105 Datasheet
52Kb / 2P
SOT23 Thin Film Precision Voltage Divider Network
logo
Welwyn Components Limit...
SOT23 WELWYN-SOT23 Datasheet
86Kb / 2P
Surface Mount Divider Network
logo
IRC - a TT electronics ...
SOT-DIV23-01-1002-1002B IRCTT-SOT-DIV23-01-1002-1002B Datasheet
292Kb / 2P
SOT23 Surface Mount Voltage Divider
logo
Microsemi Corporation
LXP1000 MICROSEMI-LXP1000 Datasheet
183Kb / 3P
SURFACE MOUNT SOT23 PKG PIN Diodes
logo
M/A-COM Technology Solu...
MAPD-010201-8022CG MA-COM-MAPD-010201-8022CG Datasheet
274Kb / 4P
E-Series Surface Mount Power Divider
DS-MAPD-008957-CT0012_V2 MA-COM-DS-MAPD-008957-CT0012_V2 Datasheet
226Kb / 4P
E-Series Surface Mount Power Divider
DSS-327 MA-COM-DSS-327 Datasheet
102Kb / 2P
Surface Mount Two-Way Power Divider
MAPD-010201-8022CG MA-COM-MAPD-010201-8022CG Datasheet
274Kb / 4P
E-Series Surface Mount Power Divider
MAPD-010201-8022CG MA-COM-MAPD-010201-8022CG_15 Datasheet
274Kb / 4P
E-Series Surface Mount Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com