Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV387 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # TPV387
Description  NPN SILICON RF POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

TPV387 Datasheet(HTML) 1 Page - Advanced Semiconductor

  TPV387 Datasheet HTML 1Page - Advanced Semiconductor TPV387 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 100 mA
35
V
BVCER
IC = 100 mA
RBE = 10
Ω
60
V
BVCBO
IC = 50 mA
65
V
BVEBO
IE = 20 mA
4.0
V
hFE
VCE = 5.0 V
IC = 1.0 A
20
100
---
Cob
VCB = 30 V
f = 1.0 MHz
130
150
pF
GPE
VCC = 28 V
Pout = 24 W
f = 225 MHz
13
dB
ψ
ψ
VCC = 28 V
ALL PHASEANGLES
f = 225 MHz
Pout = 24 W
LOAD
VSWR =
∝:1
NO DEGRADATION IN OUTPUT POWER
IMD1
VCE = 28 V
Pref = 24 W
f = 225 MHz
VISION CARRIER
= -8 dB
SOUND CARRIER
= -7 dB
SIDEBAND SIGNAL
= -16 dB
IE = 3.5 A
-50
dB
Po1dB
VCC = 28 V
IQ = 200 mA
f = 225 MHz
90
W
NPN SILICON RF POWER TRANSISTOR
TPV387
DESCRIPTION:
The
TPV387 is Designed for
Operation in Band III TV Transposers
and Transmitter Amplifiers from
170 to 230 MHz.
FEATURES INCLUDE:
•• Gold Metalization
• Emitter Ballast Resistors
• Internal Input Matching
•
Common Emitter
MAXIMUM RATINGS
IC
16 A (CONT)
VCE
35 V
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθ
JC
1.0
OC/W
PACKAGE STYLE 500 6L FLG
1 = COLLECTOR
2 = BASE
3 & 4 = EMITTER


Similar Part No. - TPV387

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
TPV385 ASI-TPV385 Datasheet
22Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - TPV387

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com