Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249FZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP249FZ
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249FZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP249FZ Datasheet HTML 7Page - Analog Devices OP249FZ Datasheet HTML 8Page - Analog Devices OP249FZ Datasheet HTML 9Page - Analog Devices OP249FZ Datasheet HTML 10Page - Analog Devices OP249FZ Datasheet HTML 11Page - Analog Devices OP249FZ Datasheet HTML 12Page - Analog Devices OP249FZ Datasheet HTML 13Page - Analog Devices OP249FZ Datasheet HTML 14Page - Analog Devices OP249FZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
OP249
Data Sheet
Rev. I | Page 10 of 18
25
20
15
10
0
1k
30
5
1M
10M
FREQUENCY (Hz)
AD8512
AD712
OP249
Figure 24. Output Voltage vs. Frequency
60
50
40
30
20
10
0
70
80
90
LOAD CAPACITANCE (pF)
0
100
200
300
400
500
AVCL = 1
POSITIVE EDGE
AVCL = 5
AVCL = 1
NEGATIVE EDGE
VS = ±15V
RL = 2kΩ
VIN = 100mV p-p
Figure 25. Small Overshoot vs. Load Capacitance
14
12
10
8
0
16
6
4
2
LOAD RESISTANCE (Ω)
100
1k
10k
+VOHM = |–VOHM|
TA = 25°C
VS = ±15V
Figure 26. Maximum Output Voltage Swing vs. Load Resistance
–20
–15
–10
–5
0
5
10
15
20
0
±5
±10
±15
±20
SUPPLY VOLTAGE (V)
TA = 25°C
RL = 2kΩ
Figure 27. Output Voltage Swing vs. Supply Voltage
5.2
5.4
5.6
5.8
6.0
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
VS = ±15V
NO LOAD
Figure 28. Supply Current vs. Temperature
5.0
5.2
5.4
5.6
5.8
6.0
SUPPLY VOLTAGE (V)
0
5
10
15
20
TA = –55°C
TA = +125°C
TA = +25°C
Figure 29. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com