Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL420GK3T-012 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL420GK3T-012
Description  Through Hole Lamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL420GK3T-012 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL420GK3T-012 Datasheet HTML 1Page - Lite-On Technology Corporation LTL420GK3T-012 Datasheet HTML 2Page - Lite-On Technology Corporation LTL420GK3T-012 Datasheet HTML 3Page - Lite-On Technology Corporation LTL420GK3T-012 Datasheet HTML 4Page - Lite-On Technology Corporation LTL420GK3T-012 Datasheet HTML 5Page - Lite-On Technology Corporation LTL420GK3T-012 Datasheet HTML 6Page - Lite-On Technology Corporation LTL420GK3T-012 Datasheet HTML 7Page - Lite-On Technology Corporation LTL420GK3T-012 Datasheet HTML 8Page - Lite-On Technology Corporation LTL420GK3T-012 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Lead (Pb) free product – RoHS compliant.
* Halogen free product (Cl<900ppm, Br<900ppm; Cl+Br<1500ppm).
* High Intensity.
* Popular T-1 diameter package.
* Selected minimum intensities.
* General purpose leads.
* Reliable and rugged.
Package Dimensions
Part No.
Lens
Source Color
LTL420GK3T-012
Green Transparent
AlInGap Green
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : LTL420GK3T-012
Page : 1
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com