Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1635 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR1635
Description  16 Amp Schottky Barrier Rectifier 20 to 60 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1635 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR1635 Datasheet HTML 1Page - Micro Commercial Components MBR1635 Datasheet HTML 2Page - Micro Commercial Components MBR1635 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR1620
THRU
MBR1660
16 Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
A
B
C
K
J
I
G
F
D
N
M
L
H
PIN 1
PIN 2
CASE
PIN
12

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.190
.210
4.83
5.33
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92

I
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
16A
TC = 125
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
T J =
J = 25
°C
VF
IFM = 16A
TJ = 25
°C
MBR1620-1645
MBR1660
MBR1620-1645
MBR1660
.63V
.75V
.57V
.65V
TJ = 125
°C
T J = 125
°C
TJ =125
°C
IR
MBR1620-1645
MBR1660
MBR1620-1645
MBR1660
0.2mA
1mA
40mA
50mA
T J = 25
°C
TJ = 25
°C
Typical Junction
Capacitance
CJ
450pF
Measured at
1.0MHz, VR=4.0V
Revision:
B
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
20 to 60 Volts
TO-220AC
MCC
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR1620
MBR1620
20V
14V
20V
MBR1630
MBR1630
30V
21V
30V
MBR1635
MBR1635
35V
24.5V
35V
MBR1640
MBR1640
40V
28V
40V
MBR1645
MBR1645
45V
31.5V
45V
MBR1660
MBR1660
60V
42V
60V
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +175°C
Mounting Torgue: 5 in-lbs Maximum
•
•
Meatl of Silicon Rectifier, Majority Conduction
•
Epoxy meets UL 94 V-0 flammability rating
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
High surge capacity, High current capability
•
Guard ring for transient protection
RoHS Compliant. See ordering information)
•
Low power loss, High Efficiency
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#


Similar Part No. - MBR1635

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1635 MOTOROLA-MBR1635 Datasheet
80Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Fairchild Semiconductor
MBR1635 FAIRCHILD-MBR1635 Datasheet
36Kb / 3P
16 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635 Datasheet
65Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. F-2
logo
Micro Commercial Compon...
MBR1635 MCC-MBR1635 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
GOOD-ARK Electronics
MBR1635 GOOD-ARK-MBR1635 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
More results

Similar Description - MBR1635

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1620 MCC-MBR1620 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020PT MCC-MBR3020PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720_08 Datasheet
113Kb / 3P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR1620 MCC-MBR1620_08 Datasheet
100Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR1620CT MCC-MBR1620CT_08 Datasheet
151Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRB1620CT MCC-MBRB1620CT Datasheet
594Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX02520 MCC-MBRX02520_08 Datasheet
198Kb / 5P
0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Micro Commercial Compon...
MBRB1620CT MCC-MBRB1620CT_17 Datasheet
592Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com