Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB3040CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRB3040CT
Description  30 Amp Schottky Barrier Rectifier 30 to 60 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRB3040CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRB3040CT Datasheet HTML 1Page - Micro Commercial Components MBRB3040CT Datasheet HTML 2Page - Micro Commercial Components MBRB3040CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBRB3030CT
THRU
MBRB3060CT
30 Amp
Schottky
Barrier Rectifier
30 to 60 Volts
Maximum Ratings
201
7/12/01
D
2-PAK
SUGGESTED SOLDER PAD LAYOUT
2 , 4
HEATSINK
1
3
C
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.320
.359
8.13
9.14
B
.380
.411
9.65
10.45
C
.160
.190
4.06
4.83
D
.020
.035
0.51
0.89
E
.045
.055
1.14
1.40
G
.095
.105
2.41
2.67
H
.096
.120
2.43
3.03
J
.014
.021
0.35
0.53
K
.090
.110
2.29
2.79
S
.575
.625
14.60
15.80
V
.045
.055
1.14
1.40
E
J
K
H
A
S
V
B
D
G
1
2
3
4
Inches
mm
.065
1.65
.330
8.38
.420
10.66
.120
3.05
.070
1.78
.740
18.79
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
MBRB3030CT
30V
21V
30V
MBRB3040CT
40V
28V
40V
MBRB3045CT
45V
31.5V
45V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
30A
TC = 110
℃
Peak Forward Surge
Current
IFSM
250A
8.3ms, half sine
Maximum
Instantaneous Forward
Voltage
MBRB3030CT-3045CT
MBRB3060CT
VF
0.55V
0.72V
IFM = 15A;
TC = 25
℃
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
1.0mA
75mA
TC = 25
℃
TC = 125
℃
Typical Junction
Capacitance
CJ
420pF
Measured at
1.MHz, VR=4V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 2%
Features
www.mccsemi.com
1 of 3
Revision:
E
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
MBRB3060CT
60V
42V
60V
Micro Commercial Components
M C C
R
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939
•
Guard ring for transient protection
•
Low Forward Voltage Drop
•
High Current Capability, High Efficiency
•
Halogen free available upon request by adding suffix "-HF"
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Marking : type number
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C


Similar Part No. - MBRB3040CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MBRB3040CT CITC-MBRB3040CT Datasheet
102Kb / 3P
30A Surface Mount High Power Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBRB3040CT MCC-MBRB3040CT Datasheet
257Kb / 3P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
SUNMATE electronic Co.,...
MBRB3040CT SUNMATE-MBRB3040CT Datasheet
2Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRB3040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3030CT MCC-MBR3030CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
MBR3030CT MCC-MBR3030CT_08 Datasheet
118Kb / 3P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR3030CT KERSEMI-MBR3030CT Datasheet
852Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3035CT KERSEMI-MBR3035CT Datasheet
492Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3045CT KERSEMI-MBR3045CT Datasheet
492Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3050CT KERSEMI-MBR3050CT Datasheet
852Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3060CT KERSEMI-MBR3060CT Datasheet
492Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3030CT KERSEMI-MBR3030CT Datasheet
851Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Micro Commercial Compon...
MBR2535FCT MCC-MBR2535FCT_13 Datasheet
243Kb / 3P
30 Amp Schottky Barrier Rectifier 35 to 60 Volts
MBRB3030CT MCC-MBRB3030CT_17 Datasheet
257Kb / 3P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com