Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD8KB05 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UD8KB05
Description  8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UD8KB05 Datasheet(HTML) 1 Page - Micro Commercial Components

  UD8KB05 Datasheet HTML 1Page - Micro Commercial Components UD8KB05 Datasheet HTML 2Page - Micro Commercial Components UD8KB05 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UD
8KB05
THRU
UD
8KB100
8 Amp
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
D3K
High surge forward current capability
Halogen free available upon request by adding suffix "-HF"
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UD
8KB05
UD
8KB05
50V
35V
50V
UD
8KB10 UD8KB10
100V
70V
100V
UD
8KB20 UD8KB20
200V
140V
200V
UD
8KB40 UD8KB40
400V
280V
400V
UD
8KB60 UD8KB60
600V
420V
600V
UD
8KB80 UD8KB80
800V
560V
800V
UD
8KB100 UD8KB100
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8.0 A Tc = 130°C
Peak Forward Surge
Current
IFSM
Maximum
Instantaneous
Forward Voltage
VF
1.
0V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5 µA
Ta = 25
°C
Thermal Resistance
RthJA
55
oC/W
RthJC
1.5
o
C/W
IFM =
4.0A
I t Rating for fusing
2
I t
2
120A2S (1ms< t<8.3ms)
Revision: B
2017/10/25
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
a
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.524
.563
13.30
14.30
B
.252
.291
6.40
7.40
C
.177
.217
4.50
5.50
E
.041
.057
1.05
1.45
G
.024
.033
0.60
0.85
J
.102
.142
2.60
3.60
K
.122
.134
3.10
3.40
H
.146
.154
3.70
3.90
L
.079
.087
2.00
2.20
M
.016
.024
0.40
0.60
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Mounting Torque: 0.5 N•m
J
B
C
D
E
F
G
K
L
M
A
H
D
.406
.445
10.30
11.30
F
.516
.531
13.10
13.50
8.3ms,half sine
170A
Micro Commercial Components
M C C
R


Similar Part No. - UD8KB05

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UD8KB05 ZSELEC-UD8KB05 Datasheet
118Kb / 2P
8.0A BRIDGE RECTIFIER
UD8KB05 ZSELEC-UD8KB05 Datasheet
104Kb / 2P
8.0A BRIDGE RECTIFIER
UD8KB05 ZSELEC-UD8KB05_V01 Datasheet
104Kb / 2P
8.0A BRIDGE RECTIFIER
More results

Similar Description - UD8KB05

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU8A MCC-GBU8A Datasheet
105Kb / 3P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
GBJ8005 MCC-GBJ8005_08 Datasheet
93Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005_13 Datasheet
208Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA8005 MCC-GBJA8005 Datasheet
308Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU8A MCC-GBU8A_16 Datasheet
194Kb / 3P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA8005 MCC-KBJA8005 Datasheet
501Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com