Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD6KB20 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UD6KB20
Description  6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UD6KB20 Datasheet(HTML) 1 Page - Micro Commercial Components

  UD6KB20 Datasheet HTML 1Page - Micro Commercial Components UD6KB20 Datasheet HTML 2Page - Micro Commercial Components UD6KB20 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UD
6KB05
THRU
UD
6KB100
6 Amp
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
D3K
High surge forward current capability
Halogen free available upon request by adding suffix "-HF"
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UD
6KB05
UD
6KB05
50V
35V
50V
UD
6KB10 UD6KB10
100V
70V
100V
UD
6KB20
UD
6KB20
200V
140V
200V
UD
6KB40
UD
6KB40
400V
280V
400V
UD
6KB60
UD
6KB60
600V
420V
600V
UD
6KB80
UD
6KB80
800V
560V
800V
UD
6KB100 UD6KB100
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0 A Tc = 140°C
Peak Forward Surge
Current
IFSM
Maximum
Instantaneous
Forward Voltage
VF
1.0V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA Ta = 25°C
Thermal Resistance
RthJA
55
oC/W
RthJC
1.5
o
C/W
IFM =
3.0A
I t Rating for fusing
2
I t
2
93A2S (1ms< t<8.3ms)
Revision: B
2017/10/12
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
a
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.524
.563
13.30
14.30
B
.252
.291
6.40
7.40
C
.177
.217
4.50
5.50
E
.041
.057
1.05
1.45
G
.024
.033
0.60
0.85
J
.102
.142
2.60
3.60
K
.122
.134
3.10
3.40
H
.146
.154
3.70
3.90
L
.079
.087
2.00
2.20
M
.016
.024
0.40
0.60
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Mounting Torque: 0.5 N•m
J
B
C
D
E
F
G
K
L
M
A
H
D
.406
.445
10.30
11.30
F
.516
.531
13.10
13.50
8.3ms,half sine
170A
Micro Commercial Components
M C C
R


Similar Part No. - UD6KB20

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UD6KB20 ZSELEC-UD6KB20 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UD6KB20 YFWDIODE-UD6KB20 Datasheet
458Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UD6KB20 ZSELEC-UD6KB20 Datasheet
104Kb / 2P
6.0A BRIDGE RECTIFIER
More results

Similar Description - UD6KB20

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DR750 MCC-DR750 Datasheet
85Kb / 3P
Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
GBJ6005 MCC-GBJ6005 Datasheet
89Kb / 2P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
PB605 MCC-PB605 Datasheet
81Kb / 2P
6 Amp Glass Passivated Rectifier 50 to 1000 Volts
DR750 MCC-DR750_11 Datasheet
497Kb / 4P
6 Amp Glass Passivated Rectifier 50 - 1000 Volts
GBJ6005 MCC-GBJ6005_11 Datasheet
177Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ6005 MCC-GBJ6005_13 Datasheet
204Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA6005 MCC-GBJA6005 Datasheet
312Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL6005 MCC-GBJL6005 Datasheet
242Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA6005 MCC-KBJA6005 Datasheet
497Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com