Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD8KB40 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # UD8KB40
Description  8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UD8KB40 Datasheet(HTML) 2 Page - Micro Commercial Components

  UD8KB40 Datasheet HTML 1Page - Micro Commercial Components UD8KB40 Datasheet HTML 2Page - Micro Commercial Components UD8KB40 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
www.mccsemi.com
Revision: B
2017/10/25
2 of 3
Micro Commercial Components
M C C
R
0
100
0.01
0.1
1.0
10
100
Tj=150℃
Tj=25℃
FIG4:Typical Reverse Characteristics
20
40
60
80
Percent of Rated Peak Reverse Voltage (%)
1
0
2
5
50
100
30
half sine wave
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capability
10
20
Number of Cycles
0
8.3ms
1cycle
8.3ms
60
90
120
150
180
210
0
0
2.0
160
sine wave R-load
with heatsink
40
80
120
4.0
6.0
8.0
10.0
heatsink
Tc-sensing point
Case Temperature(℃)
0.6
0.8
1.0
1.2
1.4
0.01
0.02
0.05
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
Instantaneous Forward Voltage(V)
0.4
FIG
1:Io-Tc Curve
1
2.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com