Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28511 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC28511
Description  60V/3A Synchronous Buck Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28511 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC28511 Datasheet HTML 1Page - Micrel Semiconductor MIC28511 Datasheet HTML 2Page - Micrel Semiconductor MIC28511 Datasheet HTML 3Page - Micrel Semiconductor MIC28511 Datasheet HTML 4Page - Micrel Semiconductor MIC28511 Datasheet HTML 5Page - Micrel Semiconductor MIC28511 Datasheet HTML 6Page - Micrel Semiconductor MIC28511 Datasheet HTML 7Page - Micrel Semiconductor MIC28511 Datasheet HTML 8Page - Micrel Semiconductor MIC28511 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
MIC28511 Evaluation Board
April 9, 2015
2
Revision 1.0
Getting Started
1.
Connect VIN Supply
Connect a supply to the VIN and GND terminals,
paying careful attention to the polarity and the supply
range (4.6V < VIN < 60V). Monitor IIN with a current
meter and monitor input voltage at VIN and GND
terminals with a voltmeter. Do not apply power until
Step 4.
2.
Connect Load and Monitor Input
Connect a load to the VOUT and GND terminals. The
load can be either a passive or an active electronic
load. A current meter can be placed between the
VOUT terminal and load to monitor the output current.
Ensure the output voltage is monitored at the VOUT
terminal.
3.
Enable Input
The EN terminal has an on board 100k
Ω pull-up
resistor (R16) to VIN, which allows the output to be
turned on when PVDD exceeds its UVLO threshold.
An EN (J16) connector is provided on the evaluation
board for ease-of-access to the enable feature.
Applying an external logic signal on the EN terminal to
pull it low or using a jumper to short the EN terminal to
the GND terminal will disable the MIC28511 evaluation
board.
4.
Apply Power
Apply VIN and verify that the output voltage regulates
to the set voltage.
Evaluation Board Description
The basic parameters of the evaluation board are:
• Input range: 4.6V to 60V
• Output range: 0.8V to 0.85V × V
IN at 3A.
(For more detailed information, refer to Typical
Characteristics section. Note that 0.85V is the maximum
duty cycle of the MIC28511 controller)
• 300kHz switching frequency
(Adjustable 200kHz to 680kHz)
Feedback Resistors
With Jumper J11 in place, the output voltage is set to 5.0V
as determined by the feedback dividers R1 and R11.
Jumper J8 sets the output voltage to 3.3V.
With jumper J7 in place the output is set by modifying R9,
as illustrated in Equation 1:
 +
×
=
9
R
1
R
1
V
V
REF
OUT
Eq. 1
Where:
VREF = 0.8V, and
R1 is 10.0kΩ.
With jumpers J11, J8, and J7 removed, the output
regulates at the 0.8V reference voltage. All other voltages
not listed can be set by modifying the R9 with Jumper J7
installed according to Equation 2:
REF
OUT
REF
V
V
V
R1
R9
-
×
=
Eq. 2
Jumper J12 shorts out the feedback and forces the
converter to operate open loop and approach 100% duty
cycle.
SW Node
Use test point J1 (VSW) for monitoring the power MOSFET
switching waveform.
Current Limit
The MIC28511 uses the RDS(ON) and external resistor
connected from ILIM to the SW node to decide the current
limit (see Figure 1).
Figure 1. MIC28511 Current Limiting Circuit
In each switching cycle of the MIC28511 converter, the
inductor current is sensed by monitoring the low-side
MOSFET in the OFF period. The sensed voltage V(ILIM) is
compared with the power ground (PGND) after a blanking
time of 150ns. In this way, the drop voltage over the
resistor R22 (VCL) is compared with the drop over the
bottom FET generating the short current limit. The small
capacitor (C18) connected from ILIM pin to PGND filters
the switching node ringing during the off time which allows
a better short-limit measurement. The time constant
created by R22 and C18 should be much less than the
minimum off time.
The VCL drop allows programming of short limit through the
value of the resistor (R22). If the absolute value of the
voltage drop on the bottom FET is greater than VCL, V(ILIM)
is lower than PGND and a short-circuit event is triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com