Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45116 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC45116
Description  20V/6A/DC-to-DC Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45116 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC45116 Datasheet HTML 1Page - Micrel Semiconductor MIC45116 Datasheet HTML 2Page - Micrel Semiconductor MIC45116 Datasheet HTML 3Page - Micrel Semiconductor MIC45116 Datasheet HTML 4Page - Micrel Semiconductor MIC45116 Datasheet HTML 5Page - Micrel Semiconductor MIC45116 Datasheet HTML 6Page - Micrel Semiconductor MIC45116 Datasheet HTML 7Page - Micrel Semiconductor MIC45116 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micrel, Inc.
MIC45116 Evaluation Board
Features
Feedback Resistors
The output voltage on the MIC45116 evaluation board,
which is preset to 1.8V, is determined by the feedback
divider, as illustrated in Equation 1:


+
×
=
BOTTOM
REF
OUT
R
R51
1
V
V
Eq. 1
where VREF = 0.8V, and RBOTTOM is the lower feedback
resistor.
Leaving the RBOTTOM open by removing all jumpers on the
feedback headers gives a 0.8V output voltage. All other
voltages not listed above can be set by modifying RBOTTOM
value according to Equation 2:
REF
OUT
REF
BOTTOM
V
V
V
R51
R
−
×
=
Eq. 2
Note that the output voltage should not be set to exceed
5V unless the output capacitor (C6) is replaced with a
higher voltage rating.
Table 1. Typical Values of Some Components
VOUT
VIN
R51
(Top Feedback Resistor)
R
(Bottom Feedback Resistor)
C12
(Cff)
COUT
1.0V
5V to 20V
10kΩ
40.2kΩ
1.0nF
100µF/6.3V
1.2V
5V to 20V
10kΩ
20.0kΩ
1.0nF
100µF/6.3V
1.5V
5V to 20V
10kΩ
11.5kΩ
1.0nF
100µF/6.3V
1.8V
5V to 20V
10kΩ
8.06kΩ
1.0nF
100µF/6.3V
2.5V
5V to 20V
10kΩ
4.75kΩ
1.0nF
100µF/6.3V
3.3V
5V to 20V
10kΩ
3.24kΩ
1.0nF
100µF/6.3V
5V
7V to 20V
10kΩ
1.91kΩ
1.0nF
100µF/6.3V
March 12, 2015
2
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com