Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP07A Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LP07A
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP07A Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LP07A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP07A Datasheet HTML 2Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A Microchip Technology Company
©2011 Silicon Storage Technology, Inc.
DS75011A
10/11
Product Brief
www.microchip.com
Features
•
High Gain:
– Typically 28 dB gain across 2.4–2.5 GHz over
temperature 0°C to +85°C
•
High linear output power (at 3.3V):
– >28 dBm P1dB
– ~2.5% added EVM up to 20 dBm for
54 Mbps 802.11g signal
– Meets 802.11g OFDM ACPR requirement up to
24 dBm
– Meets 802.11b ACPR requirement up to 24 dBm
•
High power-added efficiency/Low operating cur-
rent for both 802.11 b/g applications
– ~30.8% @ POUT = 23.5 dBm for both 802.11g and
802.11b
•
Low shut-down current (~2µA)
•
High temperature stability
– ~1.5 dB power variation between -40°C to +85°C
– ~2.5 dB gain variation between -40°C to +85°C
•
Temperature and load insensitive on-chip power
detector
– 20 dB dynamic range
•
Simple input/output matching
•
Packages available
– 12-contact XQFN – 2mm x 2mm x 0.45mm
•
All devices are RoHS compliant
Applications
•
WLAN (IEEE 802.11b/g/n)
•
Home RF
•
Cordless phones
•
2.4 GHz ISM wireless equipment
Block Diagram
Product Ordering
Valid combinations for SST12LP07A
SST12LP07A-QXBE
SST12LP07A Evaluation Kits
SST12LP07A-QXBE-K
Note: Valid combinations are those products in mass produc-
tion or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations
and to determine availability of new combinations.
RFIN
VCCB
VREF
DET
VCC1
VCC2
RFOUT
75011 B1.0
Bias Circuit
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07A
The SST12LP07A is a versatile power amplifier based on the highly-reliable InGaP/
GaAs HBT technology. It is easily configured for high-power applications with excel-
lent (30.8%) power-added efficiency, operating over the 2.4- 2.5 GHz frequency band
and meeting 802.11 b/g spectrum mask at 23.5 dBm. The SST12LP07A has excellent
linearity, typically ~2.5% added EVM at 20 dBm output power, which is essential for 54
Mbps 802.g/n operation. The Power Amplifier has an excellent on-chip, single-ended
power detector, providing a reliable solution to board-level power control. The
SST12LP07A is offered in a 12-contact XQFN package.


Similar Part No. - SST12LP07A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
More results

Similar Description - SST12LP07A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com