Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIM3R3 Datasheet(PDF) 13 Page - Delta Electronics, Inc.

Part # DIM3R3
Description  Inrush protection and hot swap capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3 Datasheet(HTML) 13 Page - Delta Electronics, Inc.

Back Button DIM3R3 Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 9Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 10Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 11Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 12Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DATASHEET
DS_DIM3R3_09102010
13
PART NUMBERING SYSTEM
DIM
3R3
300
S
F
A
Product Series
Management
Power
Output Power
Pin
Length
Option Code
DIM - ATCA Input
Module
3R3 - with 3.3V
300 - 300W
S - 0.150
”
F- RoHS 6/6
(Lead Free)
A - with management power (3.3V ) on Pin 10 only, no
Pin 11
B - with management power (3.3V ) on Pin 10 and Blue
LED power (5V) on pin 11
MODEL LIST
MODEL NAME
INPUT
OUTPUT 1
OUTPUT 2 (Pin10)
Management Power
OUTPUT 3 (Pin11)
Blue LED Power
Eff @ 100% Input Power
DIM3R3300SFA
36V~75V
300W
36V~75V
3.3V/2.4A
NA
98%
DIM3R3300SFB
36V~75V
300W
36V~75V
3.3V/2.4A
5V/0.1A
98%
CONTACT: www.deltaww.com/dcdc
USA:
Telephone:
East Coast: 978-656-3993
West Coast: 510-668-5100
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Phone: +31-20-655-0967
Fax: +31-20-655-0999
Email: DCDC@delta-es.com
Asia & the rest of world:
Telephone: +886 3 4526107 ext 6220-6224
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its
use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these specifications
at any time, without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com