Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGF12HT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UGF12HT
Description  Ultrafast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGF12HT Datasheet(HTML) 3 Page - Vishay Siliconix

  UGF12HT Datasheet HTML 1Page - Vishay Siliconix UGF12HT Datasheet HTML 2Page - Vishay Siliconix UGF12HT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
14
16
1
10
0
25
50
75
100
125
150
175
200
100
0.01
0.1
1
10
100
1
10
100
1
10
100
25
50
50
75
100
100
150
200
250
300
350
400
125
0
0
20
40
60
80
100
1
10
100
1,000
10,000
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 HZ
Fig. 1 – Forward Current
Derating Curve
Case Temperature (¡C)
Instantaneous Forward Voltage (V)
Fig. 3 – Typical Instantaneous
Forward Characteristics Per Leg
Fig. 4 – Typical Reverse Leakage
Characteristics Per Leg
Percent of Rated Peak Reverse Voltage (%)
Junction Temperature (
°C)
Fig. 6 – Reverse Switching Characteristics
Per Leg
Reverse Voltage (V)
Fig. 5 – Typical Junction Capacitance
Per Leg
TJ = 25°C
TJ = 25°C
TJ = 125°C
TJ = 125°C
TJ = 100°C
TJ = 100°C
trr
Qrr
UG12HT, UG12JT,
UGB12HT, UGB12JT
UGF12HT, UGF12JT
0.1
0.3
0.5
0.7
0.9
1.0
1.3
1.5
1.7
1.9
2.1
12A, 240A/
µs, 400V
1A, 50A/
µs, 30V
12A, 240A/
µs, 400V
1A, 50A/
µs, 30V
UG12JT, UGF12JT, UGB12JT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88758
www.vishay.com
30-Jul-02
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com