Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0502BAHTG Datasheet(PDF) 2 Page - Littelfuse

Part # SP0502BAHTG
Description  8pF 15kV Unidirectional TVS Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0502BAHTG Datasheet(HTML) 2 Page - Littelfuse

  SP0502BAHTG Datasheet HTML 1Page - Littelfuse SP0502BAHTG Datasheet HTML 2Page - Littelfuse SP0502BAHTG Datasheet HTML 3Page - Littelfuse SP0502BAHTG Datasheet HTML 4Page - Littelfuse SP0502BAHTG Datasheet HTML 5Page - Littelfuse SP0502BAHTG Datasheet HTML 6Page - Littelfuse SP0502BAHTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP1001 Series
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
2
A
T
OP
Operating Temperature
–40 to 125
°C
T
STOR
Storage Temperature
–55 to 150
°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Electrical Characteristics (T
OP = 25°C)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Forward Voltage Drop
V
F
I
F=10mA
0.7
0.9
1.2
V
Reverse Voltage Drop
V
R
I
R=1mA
6.0
8.5
V
Reverse Standoff Voltage
V
RWM
I
R≤1µA
5.5
V
Reverse Leakage Current
I
LEAK
V
R=5V
0.1
µA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
8.0
11.0
V
I
PP=2A, tp=8/20µs, Fwd
9.7
13.0
V
Dynamic Resistance
R
DYN
(V
C2 - VC1) / (IPP2 - IPP1)
1.7
Ω
ESD Withstand Voltage1,2
V
ESD
IEC61000-4-2 (Contact)
±15
kV
IEC61000-4-2 (Air)
±30
kV
Diode Capacitance1
C
D
Reverse Bias=0V
12
pF
Reverse Bias=2.5V
8
pF
Reverse Bias=5V
7
pF
Notes:
1
Parameter is guaranteed by device characterization
2
A minimum of 1,000 ESD pulses are applied at 1s intervals between the anode and common cathode of each diode
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
–55 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature (Soldering
20s-40s)
260
°C
Capacitance vs. Reverse Bias
0
2
4
6
8
10
12
14
DC Bias (V)
0
0.5
11.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Design Consideration
Because of the fast rise-time of the ESD transient,
placement of ESD devices is a key design consideration.
To achieve optimal ESD suppression, the devices should be
placed on the circuit board as close to the source of the ESD
transient as possible. Install the ESD suppressors directly
behind the connector so that they are the first board-level
circuit component encountered by the ESD transient. They
are connected from signal/data line to ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com