Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITLMF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KITLMF
Description  Conductive Plastic Motion Transducer Elements (KIT), up to 1000 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITLMF Datasheet(HTML) 2 Page - Vishay Siliconix

  KITLMF Datasheet HTML 1Page - Vishay Siliconix KITLMF Datasheet HTML 2Page - Vishay Siliconix KITLMF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series KIT LMF
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
2
Document Number: 54009
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters, general tolerance ± 0.2 mm
EXAMPLES OF SPECIAL DESIGNS
ORDERING INFORMATION/DESCRIPTION
KIT
LM
F
3
D
103
W...
e.
SERIES
MODEL
CONDUCTOR
THEORETICAL
ELECTRICAL
TRAVEL
LINEARITY
OHMIC VALUE
MODIFICATIONS
LEAD FINISH
F: Plastic
S: Serigraphy
Times 25 mm
A: ± 1 %
D: ± 0.1 %
E: ± 0.05 %
F: ± 0.025 %
First 2 digits are
significant numbers
3rd digit indicates
number of zeros
Special feature
code number
SAP PART NUMBERING GUIDELINES
LMF
3
D
103
W....
MODEL
TET
LINEARITY
OHMIC VALUE
SPECIAL FEATURES
STANDARD MODEL: LMF...W02851
13
8
2
2
1
12.2
11.15
6.35
2.4
5.2
2.4
0.3
1.6
WORKING POSITION
5.8
± 0.2
15
7
3.5
RESISTIVE TRACK
TET = E
AET = TET + 2
10 ± 0.5
SOLDERING PADS
WIPER TRAVELS
L = TET + 18 MAX.
COLLECTOR TRACK
SILVER AREA
SILVER AREA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com