Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PMR
Description  Analog Displacement Sensors for Transportation Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PMR Datasheet(HTML) 2 Page - Vishay Siliconix

  PMR Datasheet HTML 1Page - Vishay Siliconix PMR Datasheet HTML 2Page - Vishay Siliconix PMR Datasheet HTML 3Page - Vishay Siliconix PMR Datasheet HTML 4Page - Vishay Siliconix PMR Datasheet HTML 5Page - Vishay Siliconix PMR Datasheet HTML 6Page - Vishay Siliconix PMR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Lever PMR
www.vishay.com
Vishay MCB
Revision: 09-Sep-15
2
Document Number: 32515
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Nothing stated herein shall be construed as a guarantee of quality or durability.
(1) Package types
SAP PART NUMBERING GUIDELINES
MODEL
TYPE
LEVER TYPE
VALUE
ANGLE
LEADS
PACKAGING
PMR4
03
23
02
22
04
24
01
21
11
31
12
16
26
18
28
(see “Specific Characteristics)
A = lever A
C = lever C
392 = 3K9
094
W = wire
C = 20 pcs
G = 100 pcs
P = 500 pcs
SPECIFIC CHARACTERISTICS
SENSOR TYPE
LIFE
PROTECTION CLASS
PACKAGE TYPE (1)
MICRO-MOVEMENTS
(dither stroke)
NUMBER OF CYCLES
ELECTRICAL TRAVEL
403
10 x 106
5 x 106
IP64
1
423
10 x 106
5 x 106
IP64
2
402
10 x 106
5 x 106
IP64
3
422
10 x 106
5 x 106
IP64
4
404
10 x 106
5 x 106
IP66
1
424
10 x 106
5 x 106
IP66
2
401
10 x 106
5 x 106
IP66
3
421
10 x 106
5 x 106
IP66
4
411
50 x 106
5 x 106
IP64
1
431
50 x 106
5 x 106
IP64
2
412
50 x 106
5 x 106
IP64
3
416
50 x 106
5 x 106
IP66
1
426
50 x 106
5 x 106
IP66
2
418
50 x 106
5 x 106
IP66
3
428
50 x 106
5 x 106
IP66
4
1:
2:
3:
4:
Little ears
Little tightened ears
Big ears
Big tightened ears
Fixation:
Fixation:
Fixation:
Fixation:
2 screws M4 with Ø:
2 screws M4 with Ø:
2 screws M4 with Ø:
2 screws M4 with Ø:
31.5 mm
31.5 mm
34 mm
34 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com